Electronic Components Datasheet Search
  English  ▼

X  

SIE812DF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIE812DF
Description  N-Channel 40-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE812DF Datasheet(HTML) 4 Page - Vishay Siliconix

  SIE812DF Datasheet HTML 1Page - Vishay Siliconix SIE812DF Datasheet HTML 2Page - Vishay Siliconix SIE812DF Datasheet HTML 3Page - Vishay Siliconix SIE812DF Datasheet HTML 4Page - Vishay Siliconix SIE812DF Datasheet HTML 5Page - Vishay Siliconix SIE812DF Datasheet HTML 6Page - Vishay Siliconix SIE812DF Datasheet HTML 7Page - Vishay Siliconix SIE812DF Datasheet HTML 8Page - Vishay Siliconix SIE812DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 74337
S09-1337-Rev. B, 13-Jul-09
Vishay Siliconix
SiE812DF
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
1.0
1
10
100
0.0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
0.0050
2
4
6
8
10
ID = 25 A
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
30
50
10
20
Time (s)
40
10
1000
1
0.1
0.01
100
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
100
1
0.01
10
0.1
TA = 25 °C
Single Pulse
1 ms
10 ms
100 ms
DC
1 s
10 s
BVDSS Limited
Limited by RDS(on)*
V
DS - Drain-to-Source Voltage (V)
* V
DS > minimum VGS at which RDS(on) is specified



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com