Electronic Components Datasheet Search
  English  ▼

X  

VCE10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VCE10
Description  EM Clutch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCE10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VCE10 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
[ EM: Electromagnet ]
VCEH
VCSH¹
VCEH
VCSH¹
VCEH
VCSH¹
VCEH
VCSH¹
Rotor
0.9
1
2.6
2.9
8.1
9.1
24.1
27
Armature
0.5
0.5
1.5
1.6
4.8
5.1
14.3
15.1
dH7
bJs9
t
A
C
E
F
G
H
J
K
L
37
37.5
41.1
41.6
47
47.9
50
51
M
N
5.5
6
6.6
7.1
8.5
9.4
10
11
P
R
5.8
5.4
7
6.6
8.2
7.6
10.4
9.6
T
[ Included parts & accessories : bolts, washers, spacers, shims, surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
23
25
55
25
2
Coil
(20°C)
Voltage [DC-V]
VCEH / VCSH
Wattage [W]
Type
Static Torque [ft-lbs / N-m]
Current [A]
35
1.04
Moment of Inertia (J)
[kg-cm²]
45
6
76
5.5
46
6
4.5
13.8+0.15/-0
70
Weight [lbs / kg]
Bore [mm]
Key Way [mm]
Dimensions
[mm]
EM Clutch (high torque design)
Types: 0.6, 1.2, 2.5, 5
5
2.5
1.2
0.6
2.4 / 1.1
1.3 / 0.6
7.9 / 3.6
4.9 / 2.2
41
┌────────────────
┌────────────────
┌────────────────
┌──────────────── [ Special Order ]────────────────┐
────────────────┐
────────────────┐
────────────────┐
35
15
45
113
53
20
12
4
M3
60
M4
1.6
2
24
26.5
8
7.5
30
M5
8.5
28.3+0.2/-0
142
66
78
95
M6
6.5
16
14
5
16
13 x 10
7
56
24
22 / 30
22.8+0.15/-0
35
41
17.3+0.15/-0
6
80
11 / 15
Max Allowable Speed [rpm]
Armature
Resistance []
Release Time [ms]
0.69
5.2 / 7
Pull-In Time [ms]
15
17
2
6.5
33.5
6.5
65
40
75
13 x 10
7
88 x 10
7
4500
65
5500
Max Air Gap Until Adjustment [mm]
44 / 60
15
6
0.8
1.41
17
33
49 x 10
7
6000
25 x 10
7
Total Energy Until Life [J]
0.59
14
Torque Build-Up Time [ms]
25
7000
45
Total Energy Until Adjustment [J]
2.9 x 10
7
0.5
0.6
0.7
16
26 x 10
7
6.6 x 10
7
90
5
25
8
VCEH / VCSH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com