Electronic Components Datasheet Search
  English  ▼

X  

VCE10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCE10
Description  EM Clutch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCE10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCE10 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCE10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
[ EM: Electromagnet ]
[ Special ]
[ Special ]
[ Special ]
[ Special ]
10
20
VCE
VCS¹
VCE
VCS¹
VCE
VCS¹
VCE
VCS¹
VCE
VCE
74 / 100
148 / 200
1.6
2.2
15
10.9
38
53
90
110
85
95
130
155
3600
3000
Rotor
0.9
1
2.6
2.9
8.1
9.1
24.1
27
58
182
Armature
0.5
0.5
1.5
1.6
4.8
5.1
14.3
15.1
45
136
1.2
1.5
62 x 10
7
120 x 10
7
170 x 10
7
320 x 10
7
dH7
30
40
bJs9
8
12
t
33.3 +0.2/0
43.3 +0.2/0
A
178
225
C
83
107
E
100
125
F
10
10
G
24
24
H
8.5
8.5
J
120
158
K
M8
M10
L
30
30.5
35.1
35.6
40.5
41.4
45.5
46.5
50.6
60.5
M
37.5
44
N
5.5
6
6.6
7.1
8.5
9.4
10
11
13.1
16.5
P
0
0
R
5.8
5.4
7
6.6
8.2
7.6
10.4
9.6
14
17.5
T
2.9
2.9
12.8 / 5.8
23.8 / 10.8
[ Included parts & accessories : bolts, washers, spacers, shims, surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
Weight [lbs / kg]
2
4.2 / 1.9
2.2 / 0.1
1.2 / 0.5
Dimensions
[mm]
35
2
0.5
1.6
Total Energy Until Life [J]
0.92
70
0.5
20
50
15
26
50
13 x 10
7
M4
60
4.5
46
Key Way [mm]
Bore [mm]
12
M3
13.8+0.15/-0
41
70
20
30
13 x 10
7
Max Air Gap Until Adjustment [mm]
50
Moment of Inertia (J)
[kg-cm²]
Torque Build-Up Time [ms]
Total Energy Until Adjustment [J]
2.9 x 10
7
7000
0.65
37
Current [A]
20
Resistance []
Release Time [ms]
Wattage [W]
48
12
Pull-In Time [ms]
VCE / VCS
Type
Static Torque [ft-lbs / N-m]
Armature
Coil
(20°C)
Voltage [DC-V]
EM Clutch
5
37 / 50
4.4 / 6
1.2
0.6
2.5
18 / 25
Types: 0.6, 1.2, 2.5, 5, 10, 20
8.9 / 12
1.41
17
33
26 x 10
7
0.8
2
16
5.5
85
95
4500
88 x 10
7
5500
6.6 x 10
7
6000
7.1 / 3.2
2
70
8
25
66
24
2
28.3+0.2/-0
22
22.8+0.15/-0
45
78
76
142
30
Max Allowable Speed [rpm]
4
2
24
14
26.5
0.6
6
45
5
0.7
5
25 x 10
7
49 x 10
7
0.5
113
65
17.3+0.15/-0
15
90
53
6
20
56
30
33.5
M6
6
16
6.5
6
16
6.5
M5
VCE / VCS


Similar Part No. - VCE10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCE10 XPPOWER-VCE10 Datasheet
594Kb / 4P
AC-DC Power Supplies
VCE10 XPPOWER-VCE10 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
VCE10US03 XPPOWER-VCE10US03 Datasheet
594Kb / 4P
AC-DC Power Supplies
VCE10US03 XPPOWER-VCE10US03 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
VCE10US05 XPPOWER-VCE10US05 Datasheet
594Kb / 4P
AC-DC Power Supplies
More results

Similar Description - VCE10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
EM Clutch/Brake Unit
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
Self-Adjusting EM Clutch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com