Electronic Components Datasheet Search
  English  ▼

X  

2SH13 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SH13
Description  Silicon N-Channel IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH13 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SH13 Datasheet HTML 1Page - Hitachi Semiconductor 2SH13 Datasheet HTML 2Page - Hitachi Semiconductor 2SH13 Datasheet HTML 3Page - Hitachi Semiconductor 2SH13 Datasheet HTML 4Page - Hitachi Semiconductor 2SH13 Datasheet HTML 5Page - Hitachi Semiconductor 2SH13 Datasheet HTML 6Page - Hitachi Semiconductor 2SH13 Datasheet HTML 7Page - Hitachi Semiconductor 2SH13 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Application
High speed power switching
Features
• High speed switching
• Low on saturation voltage
Table 1 Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
———————————————————————————————————————————
Collector to emitter voltage
VCES
600
V
———————————————————————————————————————————
Gate to emitter voltage
VGES
±20
V
———————————————————————————————————————————
Collector current
IC
20
A
———————————————————————————————————————————
Collector peak current
ic(peak)
40
A
———————————————————————————————————————————
Collector dissipation
PC*75
W
———————————————————————————————————————————
Channel temperature
Tj
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
* Value at Tc = 25°C
1
2
3
TO–220AB
1
2
3
1. Gate
2. Collector
3. Emitter
1
2SH13
Silicon N-Channel IGBT
1st. Edition
Feb. 1995
ADE–208–286 (Z)


Similar Part No. - 2SH13

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH11 HITACHI-2SH11 Datasheet
41Kb / 8P
Silicon N-Channel IGBT
2SH12 HITACHI-2SH12 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH14 HITACHI-2SH14 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH15 HITACHI-2SH15 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH16 HITACHI-2SH16 Datasheet
42Kb / 8P
Silicon N-Channel IGBT
More results

Similar Description - 2SH13

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH11 HITACHI-2SH11 Datasheet
41Kb / 8P
Silicon N-Channel IGBT
2SH12 HITACHI-2SH12 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH15 HITACHI-2SH15 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH16 HITACHI-2SH16 Datasheet
42Kb / 8P
Silicon N-Channel IGBT
2SH17 HITACHI-2SH17 Datasheet
41Kb / 8P
Silicon N-Channel IGBT
2SH22 HITACHI-2SH22 Datasheet
42Kb / 8P
Silicon N-Channel IGBT
logo
Toshiba Semiconductor
MIG75J101H TOSHIBA-MIG75J101H Datasheet
198Kb / 8P
Silicon N Channel IGBT
logo
Hitachi Semiconductor
MBN400C20 HITACHI-MBN400C20 Datasheet
63Kb / 4P
Silicon N-channel IGBT
MBN400C33A HITACHI-MBN400C33A Datasheet
56Kb / 4P
Silicon N-channel IGBT
logo
Toshiba Semiconductor
MG150J1ZS50 TOSHIBA-MG150J1ZS50 Datasheet
226Kb / 6P
Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com