Electronic Components Datasheet Search
  English  ▼

X  

2SH13 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SH13
Description  Silicon N-Channel IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SH13 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SH13 Datasheet HTML 1Page - Hitachi Semiconductor 2SH13 Datasheet HTML 2Page - Hitachi Semiconductor 2SH13 Datasheet HTML 3Page - Hitachi Semiconductor 2SH13 Datasheet HTML 4Page - Hitachi Semiconductor 2SH13 Datasheet HTML 5Page - Hitachi Semiconductor 2SH13 Datasheet HTML 6Page - Hitachi Semiconductor 2SH13 Datasheet HTML 7Page - Hitachi Semiconductor 2SH13 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
50
40
30
20
10
04
8
12
16
20
Gate to Emitter Voltage
V
(V)
GE
Tc = –25 °C
25 °C
75 °C
Pulse Test
V
= 10 V
CE
Typical Transfer Characteristics
50
20
10
5
2
1
0.5
12
5
10
20
50
Collector Current
I
(A)
C
–25 °C
25 °C
Tc =75 °C
Pulse Test
V
= 15 V
GE
100
Collector to Emitter Saturation Voltage
vs. Collector Current
10000
1000
100
10
0
10
2030
4050
Collector to Emitter Voltage
V
(V)
CE
Cies
Coes
Cres
V
= 0
f = 1 MHz
GE
Typical Capacitance vs.
Collector to Emitter Voltage
10
8
6
4
2
04
8
12
16
20
Gate to Emitter Voltage
V
(V)
GE
I
= 20 A
15 A
10 A
C
Pulse Test
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage
4
2SH13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com