Electronic Components Datasheet Search
  English  ▼

X  

GL2138 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GL2138
Description  1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL2138 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GL2138 Datasheet HTML 1Page - E-Tech Electronics LTD GL2138 Datasheet HTML 2Page - E-Tech Electronics LTD GL2138 Datasheet HTML 3Page - E-Tech Electronics LTD GL2138 Datasheet HTML 4Page - E-Tech Electronics LTD GL2138 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2004/11/05
REVISED DATE :2006/04/18B
Detailed Description
The GL2138 series of COMS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 2.2A. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GL2138 behaves like a current source when the load reaches 2.2A. However, if the load impedance drops
below 0.3 , the current drops back to 600mA to prevent excessive power dissipation. Normal operation is
restored when the load resistance exceeds 0.75 .
External Capacitors
The GL2138 is stable with an output capacitance to ground of 4.7 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10 F Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should
be at least 0.1 F to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Characteristics Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com