Electronic Components Datasheet Search
  English  ▼

X  

GL2138 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL2138
Description  1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL2138 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL2138 Datasheet HTML 1Page - E-Tech Electronics LTD GL2138 Datasheet HTML 2Page - E-Tech Electronics LTD GL2138 Datasheet HTML 3Page - E-Tech Electronics LTD GL2138 Datasheet HTML 4Page - E-Tech Electronics LTD GL2138 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2004/11/05
REVISED DATE :2006/04/18B
G
G L
L 22113388
11 .. 55 A
A C
C M
M O
O S
S L
L o
o w
w D
D rr o
o p
p o
o u
u tt V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GL2138 series of positive, linear regulators feature low quiescent current (45 A typ.) with low dropout
voltage, making them ideal for battery applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
The GL2138 is stable with an output capacitance of 4.7 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 1.5A output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Highly Accurate± 1.5%
&Low Temperature Coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Application Circuit
SOT-223


Similar Part No. - GL2138

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GL2138

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GE2138 ETL-GE2138 Datasheet
424Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2138 ETL-GJ2138 Datasheet
426Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2148 ETL-GJ2148 Datasheet
430Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2148 ETL-GL2148 Datasheet
442Kb / 5P
1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com