Electronic Components Datasheet Search
  English  ▼

X  

ML9271 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9271
Description  48-Bit Grid/Anode VFD Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9271 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9271 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9271 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FEDL9271-01
LAPIS Semiconductor
ML9271
7/16
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 5.0 V10% or VDD = 3.3 V10%, VDISP = 8 to 18 V, Ta = –40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VDD = 5.0V10%
0.7 VDD
—
—
V
High Level Input Voltage
VIH
All inputs
VDD = 3.3V10%
0.8 VDD
—
—
V
VDD = 5.0V10%
—
—
0.3 VDD
V
Low Level Input Voltage
VIL
All inputs
VDD = 3.3V10%
—
—
0.2 VDD
V
VDD = 5.0V
100
—
600
A
IIH1
CHG pin
VDD = 3.3V
50
—
300
A
High Level Input Current
IIH2
VI = VDD
Other input pins
–1
—
1
A
VDD = 5.0V
–600
—
–100
A
IIL1
CL pin
VDD = 3.3V
–300
—
–50
A
Low Level Input Current
IIL2
VI = 0 V
Other input pins
–1
—
1
A
VOH1
HVO1 to
HVO48
IOH1 = –6.0mA
VDISP= 9.5v
VDISP–1.0
—
—
V
High Level Driver Output
Voltage
VOH2
DOUT
IOH2 = –0.1mA
VDD–1.0
—
—
V
VOL1
HVO1 to
HVO48
IOL1 = 0.2mA
—
—
1.0
V
Low Level Driver Output
Voltage
VOL2
DOUT
IOL2 = 0.1mA
—
—
1.0
V
VDD = 5.0V10%
Input Data =”1” “0” “1”…
—
—
2.5
mA
IDD
VDD
VDD = 3.3V 10%
Input Data =”1” “0” “1”…
—
—
2.0
mA
Supply Current (1)
(Dynamic Mode)
IDISP
VDISP
Input Data =”1” “0” “1”…
—
—
0.5
mA
IDDS
VDD
—
1.0
10.0
A
Supply Current (2)
(Static Mode)
IDISPS
VDISP
No Operation,
Typ.: Ta = 25°C
Max.: Ta = 85°C
—
1.0
20.0
A
Voltage Difference
Between GND Pins
VGND
Voltage difference between D-GND
and L-GND
*1
–0.1
0
0.1
V
*1 The D-GND and L-GND pins are not connected internally. Therefore, set the voltage between D-GND and
L-GND at the same voltage level by connecting these pins externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com