Electronic Components Datasheet Search
  English  ▼

X  

GSC103 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GSC103
Description  D u a l O P - A M P a n d 2 . 5 V 짹 0 . 7 % V o l t a g e R e f e r e n c e
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSC103 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GSC103 Datasheet HTML 1Page - E-Tech Electronics LTD GSC103 Datasheet HTML 2Page - E-Tech Electronics LTD GSC103 Datasheet HTML 3Page - E-Tech Electronics LTD GSC103 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GSC103
Page: 3/4
ISSUED DATE :2005/10/26
REVISED DATE :
Slew Rate at Unity Gail
VIN=0.5V~2V, VCC=15V
RL=2k , CL=100pF, Unity Gain
0.2
0.4
-
V/ S
Supply Voltage Rejection Ratio
Common mode Voltage=0V, VCC=5~27V
65
100
-
dB
Gain Bandwidth Product
VCC=27V, RL=2k , CL=100pF, f=100kHz, VIN=10mV
0.5
0.9
-
MHz
Total Harmonic Distortion
VCC=27V, RL=2k , CL=100pF
VO=2VPP, f=1kHz, AV=20dB
-
0.02
-
%
OP-Amp2
25 :
-
2
75
Input Offset Current
-40 : ~105 :
-
-
150
nA
VCC=27V, 25 :
0
-
VCC-1.5
Input Common Mode Voltage
Range
VCC=27V, -40 : ~105 :
0
-
VCC-2
V
25 :
70
85
-
Common Mode Rejection Ratio
-40 : ~105 :
60
-
-
dB
Equivalent Input Noise Voltage
f=1kHz, RS=100 ,VCC=27V
-
50
-
nV/
Reference Voltage
Cathode Current
1
-
100
mA
25 :
2.482 2.500 2.518
Reference Voltage (IK=10mA)
-40 : ~105 :
2.465 2.500 2.535
V
Reference Input Voltage Deviation
Over Temperature Range(IK=10mA)
-40 : ~105 :
-
7
30
mV
Minimum Cathode Current for
Regulator
-
0.5
1
mA
Dynamic Impedance
IK=1~100mA, f<1kHz
-
0.2
0.5
Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com