Electronic Components Datasheet Search
  English  ▼

X  

GSC103 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSC103
Description  D u a l O P - A M P a n d 2 . 5 V 짹 0 . 7 % V o l t a g e R e f e r e n c e
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSC103 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSC103 Datasheet HTML 1Page - E-Tech Electronics LTD GSC103 Datasheet HTML 2Page - E-Tech Electronics LTD GSC103 Datasheet HTML 3Page - E-Tech Electronics LTD GSC103 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSC103
Page: 1/4
ISSUED DATE :2005/10/26
REVISED DATE :
G
G S
S C
C 110033
D
D u
u aa ll O
O P
P -- A
A M
M P
P aa n
n d
d 22 .. 55 V
V ±± 00 .. 77 %
% V
V o
o ll tt aa g
g ee R
R ee ff ee rr ee n
n cc ee
Description
The GSC103 consists of 2 low-offset voltage amplifiers and a high-accuracy 2.5V voltage reference in SOP-8
package. The GSC103 provides a low cost and space saving solution for the application such as power supply
and switching adapters.
The GSC103 is available in a SOP-8 package. It can operate over the ambient temperature range from -40 :
to 105 .
:
Features
&Precision ±0.7% Voltage Reference
&Vref sinking Current Capability:1mA to 100mA
&Low input Offset Voltage
&Max. 27V Voltage Rating
Applications
&Switching Power Supply
&Adapter
&Portable Device
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8 C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Typical Circuit
Block Diagram
Pb Free Plating Product
GSC103
Fig 1. CC/CV Control for Switching Adapters


Similar Part No. - GSC103

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC103 GTM-GSC103 Datasheet
194Kb / 4P
DUAL OP-AMP AND 2.5V 짹 0.7% VOLTAGE REFERENCE
GSC103A GTM-GSC103A Datasheet
193Kb / 4P
DUAL OPERATIONAL AMP AND VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
More results

Similar Description - GSC103

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5J2187 ETL-G5J2187 Datasheet
812Kb / 7P
7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5U2167 ETL-G5U2167 Datasheet
767Kb / 6P
7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GELM317 ETL-GELM317 Datasheet
288Kb / 4P
3 - T E R M I N A L 1 A P O S I T I V E A D J U S T A B L E V O L T A G E R E G U L AT O R
GJ2137 ETL-GJ2137 Datasheet
403Kb / 5P
7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GP103A ETL-GP103A Datasheet
187Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC2117 ETL-GSC2117 Datasheet
823Kb / 7P
7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2127 ETL-GSC2127 Datasheet
777Kb / 6P
7 5 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com