Electronic Components Datasheet Search
  English  ▼

X  

LR1012 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR1012 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  LR1012 Datasheet HTML 1Page - E-Tech Electronics LTD LR1012 Datasheet HTML 2Page - E-Tech Electronics LTD LR1012 Datasheet HTML 3Page - E-Tech Electronics LTD LR1012 Datasheet HTML 4Page - E-Tech Electronics LTD LR1012 Datasheet HTML 5Page - E-Tech Electronics LTD LR1012 Datasheet HTML 6Page - E-Tech Electronics LTD LR1012 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-495.a
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VIN
18
V
Input Voltage
VON/OFF
VSS -0.3 ~ 18
V
Output Voltage
VOUT
VSS -0.3 ~ VIN+0.3
V
Power Dissipation
PD
250
mW
Operating Temperature
TOPR
-40~+85
℃
Storage Temperature Range
TSTG
-40~+125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com