Electronic Components Datasheet Search
  English  ▼

X  

LR1012 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LR1012 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  LR1012 Datasheet HTML 1Page - E-Tech Electronics LTD LR1012 Datasheet HTML 2Page - E-Tech Electronics LTD LR1012 Datasheet HTML 3Page - E-Tech Electronics LTD LR1012 Datasheet HTML 4Page - E-Tech Electronics LTD LR1012 Datasheet HTML 5Page - E-Tech Electronics LTD LR1012 Datasheet HTML 6Page - E-Tech Electronics LTD LR1012 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-495.a
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note 1)
VOUT (E)
VIN=VOUT(S)+2V, IOUT=10mA
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
×1.02
V
2.0V≤VOUT(S)≤2.9V
30
mA
3.0V≤VOUT(S)≤3.9V
50
mA
4.0V≤VOUT(S)≤4.9V
65
mA
Output Current (Note 2)
IOUT
VOUT(S)+2≤VIN≤16V
5.0V≤VOUT(S)≤5.9V
75
mA
2.0V≤VOUT(S)≤2.4V
0.46
0.95
V
2.5V≤VOUT(S)≤2.9V
0.32
0.68
V
3.0V≤VOUT(S)≤3.4V
0.23
0.41
V
3.5V≤VOUT(S)≤3.9V
0.19
0.35
V
4.0V≤VOUT(S)≤4.4V
0.16
0.30
V
4.5V≤VOUT(S)≤4.9V
0.14
0.27
V
5.0V≤VOUT(S)≤5.4V
0.12
0.25
V
Dropout Voltage (Note 3)
Vdrop
IOUT =10mA
5.5V≤VOUT(S)≤6.0V
0.11
0.23
V
Line Regulation 1
ΔVOUT1 VOUT(S)+1V≤VIN≤16V, IOUT=1mA
5
30
mV
Line Regulation 2
ΔVOUT2 VOUT(S)+1V≤VIN≤16V, IOUT=1µA
5
40
mV
2.0V≤VOUT(S)≤2.9V,
1µA≤IOUT≤20mA
6
30
mV
3.0V≤VOUT(S)≤3.9V,
1µA≤IOUT≤30mA
10
45
mV
4.0V≤VOUT(S)≤4.9V,
1µA≤IOUT≤40mA
13
65
mV
Load Regulation
ΔVOUT3 VIN=VOUT(S)+2V
5.0V≤VOUT(S)≤5.9V,
1µA≤IOUT≤50mA
17
80
mV
Output Voltage temperature
coefficient (Note 4)
ΔVOUT
ΔTA·VOUT
VIN = VOUT (S) + 1 V, IOUT = 10mA
-40℃≤TA≤85℃
±100
ppm
/℃
2.0V≤VOUT(S)≤2.7V
0.9
1.6
µA
2.8V≤VOUT(S)≤3.7V
1.0
1.8
µA
3.8V≤VOUT(S)≤5.1V
1.2
2.1
µA
Current Consumption
ISS
VIN=VOUT(S)+2V
no load
5.2V≤VOUT(S)≤6.0V
1.5
2.5
µA
Input Voltage
VIN
16
V
Current Consumption at
Poweroff
ISS2
VIN=VOUT(S)+2V, VON/OFF=0V, no load
0.1
0.5
µA
ON/OFF Pin
Input Voltage For High Level
VSH
VIN=VOUT (S)+2V, R=1kΩ
judged by VOUT output level
2.0
V
ON/OFF Pin
Input Voltage For Low Level
VSL
VIN=VOUT(S)+2V, RL=1kΩ
judged by VOUT output level
0.4
V
ON/OFF pin
Input Current at high Level
ISH
VIN=VOUT(S)+2V, VON/OFF=7V
0.1
µA
ON/OFF Pin
Input Current at Low Level
ISL
VIN=VOUT(S)+2V, VON/OFF=0V
-0.1
µA
Short-Circuit Current
IOS
VIN=VOUT(S)+2V, VOUT pin=0 V
40
mA
Notes:
1. VOUT(S)=Specified output voltage
VOUT(E)=Effective output voltage, i.e., the output voltage when fixing IOUT(=10 mA) and inputting VOUT(S)+2.0V.
2. Output current at which output voltage becomes 95% of VOUT(E) after gradually increasing output current.
3. Vdrop=VIN1-(VOUT(E)×0.98), where VIN1 is the Input voltage at which output voltage becomes 98% of VOUT(E) after
gradually decreasing input voltage.
4. Temperature change ratio for the output voltage [mV/°C] is calculated using the following equation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com