Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # TL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

TL494 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  TL494 Datasheet HTML 1Page - E-Tech Electronics LTD TL494 Datasheet HTML 2Page - E-Tech Electronics LTD TL494 Datasheet HTML 3Page - E-Tech Electronics LTD TL494 Datasheet HTML 4Page - E-Tech Electronics LTD TL494 Datasheet HTML 5Page - E-Tech Electronics LTD TL494 Datasheet HTML 6Page - E-Tech Electronics LTD TL494 Datasheet HTML 7Page - E-Tech Electronics LTD TL494 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R103-004. I
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
SYMBAL
NAME AND FUNCTION
1, 16
NONINV INPUT
Error Amplifier NONINV Input
2, 15
INV INPUT
Error Amplifier INV Input
3
FEEDBACK
Output Feedback Voltage
4
DEAD-TIME CONTROL
Output DEAD-TIME Control
5
CT
Timing Capacitor
6
RT
Timing Resistor
7
GND
Ground
8
C1
Internal Power NPN Collect1
9
E1
Internal Power NPN Emitter1
10
E2
Internal Power NPN Emitter2
11
C2
Internal Power NPN Collect2
12
VCC
Supply Voltage
13
OUTPUT CONTROL
Output mode select
14
VREF
Reference Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com