Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # TL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

TL494 Datasheet(HTML) 6 Page - E-Tech Electronics LTD

  TL494 Datasheet HTML 1Page - E-Tech Electronics LTD TL494 Datasheet HTML 2Page - E-Tech Electronics LTD TL494 Datasheet HTML 3Page - E-Tech Electronics LTD TL494 Datasheet HTML 4Page - E-Tech Electronics LTD TL494 Datasheet HTML 5Page - E-Tech Electronics LTD TL494 Datasheet HTML 6Page - E-Tech Electronics LTD TL494 Datasheet HTML 7Page - E-Tech Electronics LTD TL494 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-004. I
TEST CIRCUIT
DEAD-TIME
FEEDBACK
RT
CT
ERROR AMPLIFIER
OUTPUT CONTROL
GND
E2
C2
E1
C1
Vcc
TEST
INPUTS
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
Vcc=15V
2W 150
2W 150
OUTPUT 1
OUTPUT 2
VREF OUTPUT
50k
12k
0.01 F
VOLTAGE at C1
DEAD-TIME
CONTROL INPUT
FEEDBACK
VOLTAGE at C2
VOLTAGE at CT
THRESHOLD VOLTAGE
THRESHOLD VOLTAGE
FIG 1. OPERATIONAL TEST CIRCUIT AND WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com