Electronic Components Datasheet Search
  English  ▼

X  

L2293Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L2293Q Datasheet HTML 2Page - STMicroelectronics L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics L2293Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Pin connection
L2293Q
6/13
Doc ID 14899 Rev 3
Table 4.
Pin description
Pin n°
Name
Type
Function
1, 18, 19, 20,
21, 22, 23
NC
Not connected
2, 3, 4, 5, 6, 7,
NC
Pins connected to the exposed PAD
8, 9, 17, 24, 28,
32
GND
Ground
10
OUTPUT2
O
Output 2
11
INPUT2
I
Input 2
12, 13
VS
Supply voltage for the power output stages. A non-inductive
100 nF capacitor must be connected between these pins and
ground.
14
ENABLE2
I
Enable 2 input, the LOW state disables the Output 3 and
Output 4.
15
INPUT3
I
Input 3
16
OUTPUT3
O
Output 3
25
OUTPUT4
O
Output 4
26
INPUT4
I
Input 4
27
VSS
Supply voltage for the logic blocks. A 100 nF capacitor must
be connected between this pin and ground.
29
ENABLE1
I
Enable 1 input, the LOW state disables the output 1 and
Output 2.
30
INPUT1
I
Input 1
31
OUTPUT1
O
Output 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com