Electronic Components Datasheet Search
  English  ▼

X  

L5150CS Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 2Page - STMicroelectronics L5150CS Datasheet HTML 3Page - STMicroelectronics L5150CS Datasheet HTML 4Page - STMicroelectronics L5150CS Datasheet HTML 5Page - STMicroelectronics L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Block diagram and pins description
L5150CJ / L5150CS
6/34
Doc ID 15542 Rev. 15
Table 2.
Pins description
Pin name
PowerSSO-12
pin #
SO-8
pin #
Function
Res_Adj
18
Reset adjustable threshold. Connected to an
appropriate external voltage divider, it allows to
properly set the reset threshold down to 3.5 V.
Connect to GND if not needed.
Res
21
Reset output. Internally connected to Vo through a
20 K
Ω pull up resistor. This pin is pulled low when
Vo <Vo_th. Keep open if not needed.
Vcr
32
Reset delay. Connect an external capacitor between
Vcr pin and ground to adjust the reset delay time.
Keep open if not needed.
GND
4
3
Ground reference.
NC
5, 11, 8, 9
-
Not connected.
Vo
64
5 V regulated output. Block to GND with a ceramic
capacitor (Co ≥ 220 nF for regulator stability).
VS
75
Supply voltage, block directly to GND on the IC with a
capacitor.
EWi
10
6
Early warning input. This pin monitors the VS voltage
level through a resistor divider. Connect to VS if not
needed.
EWo
12
7
Early warning output. Internally connected to Vo
through 20 K
Ω pull up resistor. This pin is pulled low
when EWi is below bandgap reference voltage. Keep
open if not needed.
TAB
-
-
TAB is connected to the substrate of the chip: connect
toGND or leave open (see Figure 2 for PowerSSO-12
only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com