Electronic Components Datasheet Search
  English  ▼

X  

L5150CS Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 26Page - STMicroelectronics L5150CS Datasheet HTML 27Page - STMicroelectronics L5150CS Datasheet HTML 28Page - STMicroelectronics L5150CS Datasheet HTML 29Page - STMicroelectronics L5150CS Datasheet HTML 30Page - STMicroelectronics L5150CS Datasheet HTML 31Page - STMicroelectronics L5150CS Datasheet HTML 32Page - STMicroelectronics L5150CS Datasheet HTML 33Page - STMicroelectronics L5150CS Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
L5150CJ / L5150CS
Revision history
Doc ID 15542 Rev. 15
31/34
6
Revision history
Table 12.
Document revision history
Date
Revision
Changes
09-Aug-2007
1
Initial release.
06-Mar-2008
2
Updated Table 5.: General:
– changed Vo_ref, Vline, Vload test conditions
– added notes to Ilim and Vdp parameters
– added Ioth_H, Ioth_L, Ioth parameters.
Updated Table 6.: Reset:
– added Vres_adj parameter
– changed VRlth values (min./ typ./ max.) from 17/20/23 to 20/23/26
(% Vo_ref).
Modified Section 3.2: Reset.
09-May-2008
3
Updated Table 5.: General :
– changed Ilim values (Min./Typ./Max.) from 0.7/1/1.30 A to
280/470/660 mA
–Vo_ref parameter : updated Io test condition
Old -> Io = 0.1 mA to I0 mA
New -> Io = 0.1 mA to 8 mA.
13-Oct-2008
4
Updated Table 5.: General :
–Vload parameter : updated Io test condition
Old -> Io = 5 mA to I50 mA
New -> Io = 8 mA to 150 mA.
23-Oct-2008
5
Added S0-8 package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com