Electronic Components Datasheet Search
  English  ▼

X  

STC4567 Datasheet(PDF) 1 Page - Stanson Technology

Part # STC4567
Description  N&P Pair Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4567 Datasheet(HTML) 1 Page - Stanson Technology

  STC4567 Datasheet HTML 1Page - Stanson Technology STC4567 Datasheet HTML 2Page - Stanson Technology STC4567 Datasheet HTML 3Page - Stanson Technology STC4567 Datasheet HTML 4Page - Stanson Technology STC4567 Datasheet HTML 5Page - Stanson Technology STC4567 Datasheet HTML 6Page - Stanson Technology STC4567 Datasheet HTML 7Page - Stanson Technology STC4567 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STC4567
N&P Pair Enhancement Mode MOSFET
10A / -10A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
DESCRIPTION
The STC4567 is the N & P-Channel enhancement mode power field effect transistor using high cell density
DMOS trench technology. This high density process is especially tailored to minimize on-state resistance
and provide superior switching performance. This device is particularly suited for low voltage application
such as notebook computer power management and other battery powered circuits, where high-side
switching, low in-line power loss and resistance to transient are needed.
FEATURE
N-Channel
40V/6.0A, RDS(ON) = 48mΩ (Typ.)
@VGS = 10V
40V/5.0A, RDS(ON) = 63mΩ
@VGS = 4.5V
P-Channel
-40V/-7.2A, RDS(ON) = 90mΩ(Typ.)
@VGS = -10V
-40V/-5.0A, RDS(ON)= 103mΩ
@VGS = - 4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOP-8 package
PIN CONFIGURATION
SOP-8
STC4567 2008. V1
PART MARKING
Y∶Year A∶Product code
ORDERING INFORMATION
Part Number
Package
Part Marking
STC4567S8RG
SOP-8
STC4567
※
Process Code : A ~ Z ; a ~ z
※
STC4567S8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free


Similar Part No. - STC4567

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
VBsemi Electronics Co.,...
STC4567S8RG VBSEMI-STC4567S8RG Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - STC4567

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6332 SYNC-POWER-SPC6332 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com