Electronic Components Datasheet Search
  English  ▼

X  

XR17D152 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR17D152
Description  UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D152 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR17D152 Datasheet HTML 17Page - Exar Corporation XR17D152 Datasheet HTML 18Page - Exar Corporation XR17D152 Datasheet HTML 19Page - Exar Corporation XR17D152 Datasheet HTML 20Page - Exar Corporation XR17D152 Datasheet HTML 21Page - Exar Corporation XR17D152 Datasheet HTML 22Page - Exar Corporation XR17D152 Datasheet HTML 23Page - Exar Corporation XR17D152 Datasheet HTML 24Page - Exar Corporation XR17D152 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
áç
áç
áç
áç
XR17D152
REV. 1.2.0
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
21
MPIOLVL [7:0] (default 0x00)
Output pin level control and input level status. The status of the input pin(s) is read on this register and output
pins are controlled on this register. A logic 0 (default) sets the output to low and a logic 1 sets the output pin to
high. The MPIO interrupt will clear upon reading this register.
MPIO3T [7:0] (default 0x00)
Output pin three-state control. A logic 0 (default) sets the output to active level per register MPIOBIT settling, a
logic 1 sets the output pin to tri-state.
MPIOINV [7:0] (default 0x00)
Input inversion control. A logic 0 (default) does not invert the input pin logic. A logic 1 inverts the input logic
level.
MPIOSEL [7:0] (default 0xFF)
Multipurpose input/output pin select. This register defines the functions of the pins. A logic 1 (default) defines
the pin for input and a logic 0 for output.
MP IO 6
MP IO 7
MP IO 5 MP IO 4 MP IO 3 MP IO 2 MP IO 1 MP IO 0
M P IO LV L Register
M ultipurpos e O utput Level C ontrol
B it-7 B it-6
B it-5
B it-4
B it-3
B it-2
B it-1 B it-0
MP IO 6
MP IO 7
MP IO 5 MP IO 4 MP IO 3 MP IO 2 MP IO 1 MP IO 0
M P IO 3T Register
M ultipurpose O utput 3-state E n able
B it-7 B it-6
B it-5
B it-4
B it-3
B it-2
B it-1 B it-0
MP IO 6
MP IO 7
MP IO 5 MP IO 4 MP IO 3 MP IO 2 MP IO 1 MP IO 0
M P IO INV Register
M ultipurpose Input S ignal Inversion E nable
B it-7 B it-6
B it-5
B it-4
B it-3
B it-2
B it-1 B it-0
MPIO6
MPIO7
MPIO5 MPIO4 MPIO3 MPIO2 MPIO1 MPIO0
MPIOSEL Register
Multipurpose Input/Output Selection
Bit-7 Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com