Electronic Components Datasheet Search
  English  ▼

X  

XR17D152 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR17D152
Description  UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D152 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR17D152 Datasheet HTML 5Page - Exar Corporation XR17D152 Datasheet HTML 6Page - Exar Corporation XR17D152 Datasheet HTML 7Page - Exar Corporation XR17D152 Datasheet HTML 8Page - Exar Corporation XR17D152 Datasheet HTML 9Page - Exar Corporation XR17D152 Datasheet HTML 10Page - Exar Corporation XR17D152 Datasheet HTML 11Page - Exar Corporation XR17D152 Datasheet HTML 12Page - Exar Corporation XR17D152 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
áç
áç
áç
áç
XR17D152
REV. 1.2.0
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
9
2.0
XR17D152 REGISTERS
The XR17D152 UART has three different sets of registers as shown in Figure 5. The PCI local bus
configuration space registers are for plug-and-play auto-configuration when connecting the device to the PCI
bus. This auto-configuration feature makes installation very easy into a PCI system and it is part of the PCI
local bus specification. The second register set is the device configuration registers that are accessible directly
from the PCI bus for programming general operating conditions of the device and monitoring the status of
various functions. These registers are mapped into 1K of the PCI bus memory address space. These functions
include both channel UART’s interrupt control and status, 16-bit general purpose timer control and status,
multipurpose inputs/outputs control and status, sleep mode, soft-reset, and device identification and revision.
And lastly, each UART channel has its own set of 5G internal UART configuration registers for its own operation
control and status reporting. Both sets of channel registers are embedded inside the device configuration
registers space, which provides faster access. The following paragraphs describe all 3 sets of registers in
detail.
FIGURE 5. THE XR17D152 REGISTER SETS
Channel 0
INT, MPIO,
TIMER, REG
Device Configuration and
UART[1:0] Configuration
Registers are mapped on
to the Base Address
Register (BAR) in a 1K-
byte of memory address
space
PCI Local Bus
Target
Interface
Channel 0
Channel 1
Device Configuration Registers
Global Source Interrupt,
Multipurpose I/Os,
16-bit Timer/Counter,
Sleep, Reset, DVID, DREV
UART[1:0] Configuration
Registers
16550 Compatible and EXAR
Enhanced Registers
PCI Local Bus
Configuration Space
Registers for Plug-
and-Play Auto
Configuration
152REGS
Vendor and Sub-vendor ID
and Product Model Number
in External EEPROM
0x0000
0x0200
0x0080
0x03FF
0x0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com