Electronic Components Datasheet Search
  English  ▼

X  

QBEC8150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBEC8150
Description  3mm Infrared LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBEC8150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBEC8150 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QBEC51XX
3mm Infrared LED Lamp
Product: QBEC51XX
Date: 06/03/2011
Page 2 of 5
Version# 1.0
Electrical / Optical Characteristic: (T=25 oC)
Product
IF(mA)
VF(V)
λP (nm)
Ιe(mW/sr)
Viewing Angle
2
Ө1/2
IR (µA)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Typ.
QBEC5135
50
1.3
2.2
930
940
960
7
17
35
10
QBEC5140
50
1.3
2.2
930
940
960
7
15
40
QBEC8150
50
1.3
2.2
930
940
960
7
18
50
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
GaAs
150
70
100
5
-40 ~ +80 -40 ~ +100
260
*Duty 1/10 @ 10KHz
** IR Reflow for no more than 10 sec @ 260
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com