Electronic Components Datasheet Search
  English  ▼

X  

QBEC8150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBEC8150
Description  3mm Infrared LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBEC8150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBEC8150 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBEC8150 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QBEC51XX
3mm Infrared LED Lamp
Product: QBEC51XX
Date: 06/03/2011
Page 4 of 5
Version# 1.0
Packing & Labeling: TBD
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per bag
QBEC5135
QBEC5135
Radiant Intensity = 17mW/sr typical @ 20mA
-
QBEC5140
QBEC5140
Radiant Intensity = 15mW/sr typical @ 20mA
-
QBEC5150
QBEC5150
Radiant Intensity = 18mW/sr typical @ 20mA
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com