Electronic Components Datasheet Search
  English  ▼

X  

IRS2124S Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2124S
Description  Floating channel designed for bootstrap operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2124S Datasheet(HTML) 5 Page - International Rectifier

  IRS2124S Datasheet HTML 1Page - International Rectifier IRS2124S Datasheet HTML 2Page - International Rectifier IRS2124S Datasheet HTML 3Page - International Rectifier IRS2124S Datasheet HTML 4Page - International Rectifier IRS2124S Datasheet HTML 5Page - International Rectifier IRS2124S Datasheet HTML 6Page - International Rectifier IRS2124S Datasheet HTML 7Page - International Rectifier IRS2124S Datasheet HTML 8Page - International Rectifier IRS2124S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IRS2123S, IRS2124S
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to GND, all currents are defined positive into any
lead. This is a stress only rating and operation of the device at these or any conditions exceeding those
indicated in the operational sections of this specification is not implied
Symbol
Definition
Min.
Max.
Units
VBS
High Side Floating Supply Voltage
-0.3
25
V
VB
High Side Driver Output Stage Voltage
-0.3
625
V
VS
High Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
V
VHO
Output Voltage Gate Connection
VS – 0.3
VB + 0.3
V
VCC
Supply Voltage
-0.3
25
V
VIN
Input Voltage
-0.3
VCC + 0.3
V
VRES
Reset Input Voltage
-0.3
VCC + 0.3
V
dV/dt
Allowable Offset Voltage Slew Rate
-50
50
V/nsec
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
ºC
Recommended Operating Conditions
For proper operations the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VB
High Side Driver Output Stage Voltage
-10V Transient 0.4 us
VS +10
VS +20
V
VS
High Side Floating Supply Offset Voltage
-25V Transient 0.4 µs
†
600
V
VHO
Output Voltage Gate Connection
VS
VB
V
VCC
Supply Voltage
10
20
V
VIN
Input Voltage
0
VCC
V
VRES
Reset Input Voltage
0
VCC
V
TA
Ambient Temperature (fs<60kHz, VBS=14V,
Cload=2,5nF, R=50Ohm)
-40
125
ºC
†
Logic operational for VS of -5 to +600 V. Logic state held for VS of -5 V to – VBS.
(Please refer to the Design Tip DT97-3 for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com