Electronic Components Datasheet Search
  English  ▼

X  

IRS2124S Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2124S
Description  Floating channel designed for bootstrap operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2124S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2124S Datasheet HTML 2Page - International Rectifier IRS2124S Datasheet HTML 3Page - International Rectifier IRS2124S Datasheet HTML 4Page - International Rectifier IRS2124S Datasheet HTML 5Page - International Rectifier IRS2124S Datasheet HTML 6Page - International Rectifier IRS2124S Datasheet HTML 7Page - International Rectifier IRS2124S Datasheet HTML 8Page - International Rectifier IRS2124S Datasheet HTML 9Page - International Rectifier IRS2124S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IRS2123S, IRS2124S
www.irf.com
© 2008 International Rectifier
6
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are
referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO and LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF, TA = 25°C unless otherwise specified. The dynamic electrical
characteristics are measured using the test circuit shown in Fig. 3.
Symbol
Definition
Min Typ Max Units
Test
Conditions
Logic “1” input voltage
IRS2123
VIH
Logic “0” input voltage
IRS2124
0.70
*VCC
—
—
Logic “0” input voltage
IRS2123
VIL
Logic “1” input voltage
IRS2124
—
—
0.35
*VCC
VOH
High level output voltage, VBIAS - VO
—
—
2
VOL
Low level output voltage, VO
—
0.1
0.2
V
IO = 10 mA
ILK
Offset supply leakage current
—
—
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
—
—
240
IQCC
Quiescent VCC supply current
—
—
500
VIN = 0 V or VCC
IRS2123
VIN = VCC
IIN+
Logic “1” input bias current
IRS2124
—
—
5.0
IRS2123
VIN = 0 V
IIN-
Logic “0” input bias current
IRS2124
—
—
5.0
µA
VIN = VCC
VBSUV+
VBS supply undervoltage positive going threshold
7.2
8.6
9.6
VBSUV-
VBS supply undervoltage negative going threshold
6.6
8.0
9.0
VCCUV+
VCC supply undervoltage positive going threshold
7.2
8.6
9.6
VCCUV-
VCC supply undervoltage negative going threshold
6.6
8.0
9.0
V
IO+
Output high short circuit pulsed current
250 500
—
VO = 0 V,
VIN = Logic “1”
PW ≤ 10 µs
IO-
Output low short circuit pulsed current
250 500
—
mA
VO = 15 V,
VIN = Logic “0”
PW ≤ 10 µs
Symbol
Definition
Min
Typ Max Units Test Conditions
ton
Turn-on propagation delay
—
140 240
VS = 0 V
toff
Turn-off propagation delay
—
140 240
VS = 600 V
t r
Turn-on rise time
—
80
200
tf
Turn-off fall time
—
80
200
tRES
RESET to output turn off propagation delay
(IRS2123 only)
—
170 300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com