Electronic Components Datasheet Search
  English  ▼

X  

74HC573 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC573
Description  Octal D-type transparent latch 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC573 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC573 Datasheet HTML 1Page - NXP Semiconductors 74HC573 Datasheet HTML 2Page - NXP Semiconductors 74HC573 Datasheet HTML 3Page - NXP Semiconductors 74HC573 Datasheet HTML 4Page - NXP Semiconductors 74HC573 Datasheet HTML 5Page - NXP Semiconductors 74HC573 Datasheet HTML 6Page - NXP Semiconductors 74HC573 Datasheet HTML 7Page - NXP Semiconductors 74HC573 Datasheet HTML 8Page - NXP Semiconductors 74HC573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
4 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input
Fig 5.
Pin configuration DIP20, SO20, SSOP20 and
TSSOP20
Fig 6.
Pin configuration DHVQFN20
001aae076
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
74HC573
74HCT573
001aae077
74HC573
74HCT573
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
GND(1)
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
OE
1
3-state output enable input (active LOW)
D[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
LE
11
latch enable input (active HIGH)
Q[0:7]
19, 18, 17, 16, 15, 14, 13, 12 3-state latch output
VCC
20
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com