Electronic Components Datasheet Search
  English  ▼

X  

74HC573 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC573
Description  Octal D-type transparent latch 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC573 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC573 Datasheet HTML 9Page - NXP Semiconductors 74HC573 Datasheet HTML 10Page - NXP Semiconductors 74HC573 Datasheet HTML 11Page - NXP Semiconductors 74HC573 Datasheet HTML 12Page - NXP Semiconductors 74HC573 Datasheet HTML 13Page - NXP Semiconductors 74HC573 Datasheet HTML 14Page - NXP Semiconductors 74HC573 Datasheet HTML 15Page - NXP Semiconductors 74HC573 Datasheet HTML 16Page - NXP Semiconductors 74HC573 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
13 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
12. Package outline
Fig 12. Package outline SOT146-1 (DIP20)
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT146-1
99-12-27
03-02-13
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
26.92
26.54
6.40
6.22
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2
4.2
0.51
3.2
0.068
0.051
0.021
0.015
0.014
0.009
1.060
1.045
0.25
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.078
0.17
0.02
0.13
SC-603
MS-001
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
20
1
11
10
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
(1)
(1)
(1)
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com