Electronic Components Datasheet Search
  English  ▼

X  

TEM40 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TEM40
Description  40 Watts AC/DC Medical Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TEM40 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TEM40 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TEM40 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEM40 Series
40 Watts AC/DC Medical Power Modules
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• PCB Mount Switching Power Modules
• Fully Encapsulated Plastic Case
• 90-264 VAC, 47-440Hz Universal Input
• Regulated Output
• Low Ripple and Noise
• Class II Construction
• CE, CB, UL, cUL, Approvals
GENERAL SPECIFICATIONS
Efficiency ............................... 83% max.
Operating Temperature ........ -25°C to +70°C
Case Temperature ................ +95°C max.
Cooling Method ..................... Free-air convection
Derating ................................. Derate linearly from 100%
@ 50°C to 40% @ 70°C
Storage Temperature ............ -40°C to +100°C
Temperature Coefficient ....... ±0.01%/°C
Relative Humidity .................. 95% RH
MTBF ...................................... 200K to 400K hours at full load,
25°C ambient, calculated per
MIL-HDBK-217F
Dimensions (LxWxH) .......... 3.5 x 2.5 x 1.06 inches
(89.0 x 63.5 x 27.0 mm)
Case Material: ......................... Plastic resin with fiberglass case,
UL 94V-0 rated
Weight .................................... 280g
ELECTRICAL SPECIFICATIONS
Input Voltage Range ....................... 90~264 VAC or 100~375 VDC
Input Frequency .............................. 47~440Hz
Input Current ................................... 860mA max. @ 115 VAC
460mA max. @ 230 VAC
Inrush Current ................................ 10A max. @ 115 VAC
20A max. @ 230 VAC
Leakage Current ............................ 0.1mA max. @ 115 VAC
0.2mA max. @ 230 VAC
Recommended External Fuse ....... 3.15A slow blow type
Output Wattage ............................... 40W max.
Output Voltage ................................ See tables
Voltage Accuracy, Single/Dual ........ ±2% max.
Triple .................. ±5% max.
Minimum Load, Single ................... 1%
Dual ..................... 10%
Triple .................... 25%
Line Regulation, Single/Dual ......... 0.5% typ.
Triple ................... 5% typ.
Ripple & Noise*, 3.3V ..................... 50mV of Vout
5V~24V ................ 1% of Vout
Hold-up Time .................................. 18ms min.
Switching Frequency ...................... 132KHz
Recommended External Fuse ....... 3.15A slow blow type
Overcurrent Protection ................... Above 105% rated
output power
Overvoltage Protection ................... Zener diode clamp
Short-circuit Protection ................... Hiccup mode, indefinite,
auto-recovery
Over Temperature Protection ......... 100°C
Input-Output Isolation .................... 4000VAC
*Ripple & Noise are measured at 20MHz of bandwidth with 0.1µF &
47µF capacitors in parallel.
EMC & SAFETY STANDARDS
Safety Standards ............................ EN60601-1
Agency Approvals ........................... UL, cUL, CB
Class II ........................................... IEC, EN60536
EMI (PFI Conducted) ...................... EN55011, Class B
EMC Standards .............................. EN60601-1-2
ESD Susceptibility ......................... EN60601-1-2
Radiated Susceptibility .................. EN60601-1-2
EFT / Burst ...................................... EN60601-1-2
Surge .............................................. EN60601-1-2
Conducted Susceptibility ............... EN60601-1-2
MECHANICAL DRAWING
.
O
N
N
I
P
E
L
G
N
I
S
L
A
U
D
4
2
5
0
D
/
2
1
5
0
D
E
L
P
I
R
T
1
)
L
(
N
I
C
A)
L
(
N
I
C
A)
L
(
N
I
C
A)
L
(
N
I
C
A
2
)
N
(
N
I
C
A)
N
(
N
I
C
A)
N
(
N
I
C
A)
N
(
N
I
C
A
3
T
U
O
C
D
+T
U
O
C
D
+2
T
U
O
+T
U
O
C
D
+
4
N
I
P
O
NN
I
P
O
N1
T
U
O
+V
5
+
5
T
U
O
C
D
-N
O
M
M
O
CN
T
R
2
T
U
O
+N
O
M
M
O
C
6
N
I
P
O
NN
I
P
O
NN
T
R
1
T
U
O
+N
T
R
5
+
7
T
C
E
N
N
O
C
O
NT
U
O
C
D
-N
I
P
O
NT
U
O
C
D
-
All specifications typical at nominal input voltage, full load and +25°C after warm-up time unless otherwise noted.


Similar Part No. - TEM40

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TEM4540CN MORNSUN-TEM4540CN Datasheet
752Kb / 4P
Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
Signal conditioning modules
More results

Similar Description - TEM40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
Powerbox
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
30 Watts Medical Grade AC/DC Power Adapters
TEC8 TRUMPOWER-TEC8 Datasheet
99Kb / 2P
8 Watts AC/DC Power Modules
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TES3 TRUMPOWER-TES3 Datasheet
188Kb / 2P
3 Watts AC/DC Power Modules
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com