Electronic Components Datasheet Search
  English  ▼

X  

TEM40 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TEM40
Description  40 Watts AC/DC Medical Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TEM40 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TEM40 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TEM40 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TEM40 Series
40 Watts AC/DC Medical Power Module
TEM40-2011-0120-1
MODELS LISTS
T
U
P
T
U
O
E
L
G
N
I
S
.
o
N
t
c
u
d
o
r
P3
.
3
S
-
0
4
M
E
T5
S
-
0
4
M
E
T9
S
-
0
4
M
E
T2
1
S
-
0
4
M
E
T5
1
S
-
0
4
M
E
T4
2
S
-
0
4
M
E
T
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
3
.
3C
D
V
5C
D
V
9C
D
V
2
1C
D
V
5
1C
D
V
4
2
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
0
8A
m
0
0
0
8A
m
4
4
4
4A
m
3
3
3
3A
m
6
6
6
2A
m
7
6
6
1
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
1%
1%
1%
1%
1%
1
d
a
o
L
e
v
i
t
i
c
a
p
a
C
x
a
M
F
µ
0
0
0
0
7F
µ
0
0
0
3
3F
µ
0
0
0
0
1F
µ
0
0
0
4F
µ
0
0
0
3F
µ
0
0
2
1
S
T
U
P
T
U
O
L
A
U
D
.
o
N
t
c
u
d
o
r
P
5
0
5
0
D
-
0
4
M
E
T2
1
2
1
D
-
0
4
M
E
T5
1
5
1
D
-
0
4
M
E
T
1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
5
+C
D
V
5
-C
D
V
2
1
+C
D
V
2
1
-C
D
V
5
1
+C
D
V
5
1
-
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
5
1A
m
0
0
5
1A
m
5
2
6A
m
5
2
6A
m
0
0
5A
m
0
0
5
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
1
)
c
i
r
t
e
m
m
y
s
(
%
1
)
c
i
r
t
e
m
m
y
s
(
%
1
)
c
i
r
t
e
m
m
y
s
(
%
1
)
c
i
r
t
e
m
m
y
s
(
%
1
)
c
i
r
t
e
m
m
y
s
(
%
1
)
c
i
r
t
e
m
m
y
s
(
n
o
i
t
a
l
u
g
e
R
s
s
o
r
C
%
5%
5%
3%
3%
3%
3
d
a
o
L
e
v
i
t
i
c
a
p
a
C
x
a
M
F
µ
0
0
7
4
+F
µ
0
0
7
4
-F
µ
0
6
5
+F
µ
0
6
5
-F
µ
0
0
5
+F
µ
0
0
5
-
S
T
U
P
T
U
O
L
A
U
D
.
o
N
t
c
u
d
o
r
P
2
1
5
0
D
-
0
4
M
E
T4
2
5
0
D
-
0
4
M
E
T
1
t
u
p
t
u
O2
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
5C
D
V
0
2
1C
D
V
5C
D
V
4
2
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
0
5A
m
0
5
2
1A
m
0
0
0
5A
m
5
2
6
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
2
)
c
i
r
t
e
m
m
y
s
(
%
6
)
c
i
r
t
e
m
m
y
s
(
%
2
)
c
i
r
t
e
m
m
y
s
(
%
6
)
c
i
r
t
e
m
m
y
s
(
n
o
i
t
a
l
u
g
e
R
s
s
o
r
C
%
1%
7%
1%
7
d
a
o
L
e
v
i
t
i
c
a
p
a
C
x
a
M
F
µ
0
0
0
5
1F
µ
0
5
7F
µ
0
0
0
5
1F
µ
0
0
2
S
T
U
P
T
U
O
E
L
P
I
R
T
.
o
N
t
c
u
d
o
r
P
2
1
5
0
T
-
0
4
M
E
T5
1
5
0
T
-
0
4
M
E
T
1
t
u
p
t
u
O2
t
u
p
t
u
O3
t
u
p
t
u
O1
t
u
p
t
u
O2
t
u
p
t
u
O3
t
u
p
t
u
O
)
C
D
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
5C
D
V
2
1
+C
D
V
2
1
-C
D
V
5C
D
V
5
1
+C
D
V
5
1
-
)
A
m
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
0
5A
m
0
0
6A
m
0
0
6A
m
0
0
0
5A
m
0
0
5A
m
0
0
5
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
%
0
0
1
-
0
1
(
%
3
%
7
)
c
i
r
t
e
m
m
y
s
(
%
7
)
c
i
r
t
e
m
m
y
s
(
%
3
%
7
)
c
i
r
t
e
m
m
y
s
(
%
7
)
c
i
r
t
e
m
m
y
s
(
n
o
i
t
a
l
u
g
e
R
s
s
o
r
C
%
3%
7%
7%
3%
7%
7
d
a
o
L
e
v
i
t
i
c
a
p
a
C
.
x
a
M
F
µ
0
0
0
8
1F
µ
0
5
1
+F
µ
0
5
1
-F
µ
0
0
0
8
1F
µ
0
0
4
+F
µ
0
0
4
-
TRUMPower
TEM40 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com