Electronic Components Datasheet Search
  English  ▼

X  

TWM15 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM15
Description  Medical Grade 15W Wall Mount Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM15 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWM15 Series
Medical Grade 15W Wall Mount Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA
• 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
.
o
N
t
c
u
d
o
r
P
*
t
u
p
t
u
O
e
g
a
t
l
o
V
.
x
a
M
t
u
p
t
u
O
t
n
e
r
r
u
C
.
l
o
T
&
e
l
p
p
i
R
e
s
i
o
N
y
c
n
e
c
i
f
f
E
e
v
i
t
c
A
C
A
V
5
1
1
@
C
A
V
0
3
2
@
X
-
5
0
-
5
1
M
W
T
V
5A
3%
5
±V
m
0
7%
8
7%
7
7
X
-
6
0
-
5
1
M
W
T
V
6A
5
.
2%
5
±V
m
0
6%
0
8%
8
7
X
-
9
0
-
5
1
M
W
T
V
9A
7
6
.
1%
5
±V
m
0
9%
2
8%
0
8
X
-
2
1
-
5
1
M
W
T
V
2
1A
5
2
.
1%
5
±V
m
0
2
1%
2
8%
0
8
X
-
5
1
-
5
1
M
W
T
V
5
1A
1%
5
±V
m
0
5
1%
3
8%
0
8
X
-
4
2
-
5
1
M
W
T
V
4
2A
5
2
6
.
0%
5
±V
m
0
4
2%
5
8%
1
8
INPUT SPECIFICATIONS
Input Voltage Range ................. 90~264 VAC
Input Frequency ........................ 47~63Hz
Input Current ............................. 0.5A rms @ 115 VAC
0.3A rms @ 230 VAC
Inrush Current .......................... 30A @115 VAC or 60A@ 230 VAC
(except 80A for 5V output) at 25°C
cold start
Enclosure Leakage Current ..... 100 μA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power ....................... 15W max.
Output Voltage ..................... See table
Output Current ..................... See table
Ripple and Noise* ............... 1% p-p max., except 70 mVp-p
on 5V with interchangeable plug
Overvoltage Protection ........ Set at 116-230% of its nominal
output voltage
Overcurrent Protection ........ Protected to short-circuit conditions
Transient Response ........... Max. excursion of 4% or better on all
models, recovering to 1% of final
value within 500 μs after a 25%
step load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 47 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor in parallel
across the output.
GENERAL SPECIFICATIONS
Efficiency ............................. See rating chart
Hold-up Time ....................... 8 ms min. @ 115 VAC
Turn-on Delay Time ............. 3 seconds max. @ 115 VAC
Line Regulation ................... ±0.5% max. at full load
Operating Temperature ...... 0°C to +40°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +60°C
Storage Temperature .......... -40°C to +85°C
Temperature Coefficient ..... ±0.04%/°C max.
Relative Humidity ................ 10% to 90% non-condensing
Withstand Voltage ............... 4,000 VAC from input to output
MTBF .................................... 300K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• 90~264 VAC Universal Input
• Class II Insulation
• Standby Power Consumption < 0.3W
• Interchangeable and Fixed Plugs Available
• Meet CEC and Energy Star Efficiency Level V
MODELS LIST
*X = AC plug code. See below tables and drawings for details.
X
g
u
l
P
C
A
f
o
e
p
y
T
d
e
x
i
F
E
g
u
l
P
U
E
U
d
e
z
ir
a
l
o
P
,
g
u
l
P
A
S
U
N
U
d
e
z
ir
a
l
o
P
-
n
o
N
,
g
u
l
P
A
S
U
I
*
g
u
l
p
C
A
t
u
o
h
ti
w
"
y
d
o
b
n
i
a
m
"
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
*
N
/
P
g
u
l
P
C
A
e
l
b
a
g
n
a
h
c
r
e
t
n
I
*
B
P
I
g
u
l
P
K
U
/
h
s
it
ir
B
E
P
I
g
u
l
P
U
E
U
P
I
)
t
e
k
c
o
s
V
5
1
1
r
o
f
(
g
u
l
P
A
S
U
H
U
P
I
)
t
e
k
c
o
s
V
0
3
2
r
o
f
(
g
u
l
P
A
S
U
n
i
a
m
"
e
l
b
a
e
g
n
a
h
c
r
e
t
n
i
e
h
t
h
ti
w
r
e
d
r
o
t
s
u
M
*
.
c
t
e
,I
-
5
0
-
5
1
M
W
T
s
a
h
c
u
s
"
y
d
o
b
STANDARDS & COMPLIANCES
IEC 60601-1-2 ................... EMC & Immunity performance
EN 55011, FCC, VCCI ....... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A & D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8KV air and ±6KV contact
EN 61000-4-3 .................... Radiated immunity, 3V/m
EN 61000-4-4 .................... Fast transient/burst, ±2KV
EN 61000-4-5 .................... Surge, ±1KV diff., ±2KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500 ms,
60% reduction for 100 ms,
>95% reduction for 10 ms
Safety Standards ............... UL 60601-1, EN 60601-1
CSA C22.2 No. 601.1
Agency Approvals .............. UL, cUL, TUV, CE (LVD)
Other Compliances .......... RoHS, CEC & Energy Star Level V


Similar Part No. - TWM15

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWM10 OHMITE-TWM10 Datasheet
481Kb / 2P
Ceramic Housed Radial Terminal Power
TWM10 OHMITE-TWM10 Datasheet
461Kb / 2P
Wide resistance range
TWM10JR05E OHMITE-TWM10JR05E Datasheet
111Kb / 1P
Ceramic Housed Radial Terminal Power
logo
Tumbler Technologies + ...
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
TWM180-12 TRUMPOWER-TWM180-12 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
More results

Similar Description - TWM15

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
40-65W Medical Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
15W Medical Power Adapters with Interchangeable Input Plugs
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
15W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
15W 3rd Edition Medical Grade Desktop Switching Power Adapters
logo
Vitec Power
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
logo
Tumbler Technologies + ...
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
logo
Vitec Power
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com