Electronic Components Datasheet Search
  English  ▼

X  

TWM15 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TWM15
Description  Medical Grade 15W Wall Mount Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM15 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TWM15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TWM15 Series
Medical Grade 15W Wall Mount Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA
• 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#TWM15-2011-1117
MECHANICAL SPECIFICATIONS
NOTES:
1. Dimensions: inches [mm]
2. Tolerance: 0.02 [0.5] maximum
3. Weight: approx. 200 grams (0.44 lbs.)
4. The DC connector shown on the drawings is just an example. Contact TRUMPower for connector options.
5. The output cable is 20 AWG x 1600 mm, except 16 AWG x 1000 mm on 5V & 6V output models, and 18 AWG x 1200 mm on 9V output model,
so as to comply with CEC and Energy Star efficiency level V requirements. Longer cables are available with efficiency reduced.
Interchangeable Types
Fixed Types
USA/North American, Non-Polarized
USA/North American, Polarized



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com