Electronic Components Datasheet Search
  English  ▼

X  

TWM65 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM65
Description  65W Medical & ITE Grade AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM65 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWM65 Series
65W Medical & ITE Grade AC/DC Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90-264 VAC
Input Frequency ................... 47-63 Hz
Input Current ........................ 1A (rms) max. @ 115 VAC,
0.6A (rms) max. @ 230 VAC
Inrush Current ..................... <65A max. @ 115 VAC, <130A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 160µA max. @ 264 VAC
Power Factor ....................... >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings ......... See table
No Load Power Cons .......... <0.1W on +5V output model;
<0.2W on other output models
STANDARDS & COMPLIANCES
EMC Standards ................... EN 60601-1-2, EN 55011/FCC Part
18 Class B, EN 55022/CISPR22/
FCC Part 15 Class B
Safety Standards ................. IEC/EN/UL 60601-1 3rd Ed.,
ANSI/AAMI ES 60601-1:2005,
CSA C22.2 No. 60601-1:08,
IEC/EN/UL 60950-1 2nd Ed.,
CSA-C22.2 No. 60950-1 2nd Ed.
Agency Approvals ................ UL, CUS, TUV, CE, CB, FCC
Other Compliance ............... RoHS
FEATURES
• Convection-Cooled 65 Watts in 2" x 3" Footprint
• Medical & ITE Dual Approvals
• 2x MOPP Suited for BF (Body Floating) Applications
• Factory Preset 5V or 12.0V to 56.9V in 0.1V Increments Ouput
• Up to 0.95 Power Factor
• No Load Power Consumption < 0.2W
Notes:
1. Use TWM65-xx.x to order a special output voltage of xx.xV between 12.1V and 56.9V.
2. R&N are peak-to-peak values measured at 20 MHz bandwidth with an 100µF electrolytic capacitor and a 0.1µF ceramic capacitor in parallel.
GENERAL SPECIFICATIONS
Efficiency .................................. >87% (except >85% for 5V)
at full load, 115 VAC
Switching Frequency ............... 65KHz
Hold-up Time ........................... >10 ms typical @ 115 VAC
Operating Temperature* .................. -20°C to +70°
Derating ................................... Derate linearly 2.5%/°C from
............................................. +41°C to +70°C
Storage Temperature ............... -20°C to +85°C
Operating Humidity .................. 0% to 90% non-condensing
Short-Circuit Protection ........... Shutdown; Auto-recovery
Overload Protection ................. Set at 110% to 160% (except
110% to 170% for 48V and up)
of the max. rating; Auto-recovery
Overvoltage Protection ............ Shutdown and latch off;
AC recycle to restart
Withstand Voltage .................... 5,656 Vdc from input to output,
............................................. 2,121 Vdc from input to ground
MTBF ........................................ 155K hours at full load and
25°C ambient temperature
calculated per MIL-HDBK-217F
.
o
N
t
c
u
d
o
r
P
1
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
r
e
w
o
P
t
u
p
t
u
O
.
x
a
M
e
s
i
o
N
&
e
l
p
p
i
R
2
5
0
-
0
4
M
W
T
V
5A
8
-
0%
3
±W
0
4V
m
0
0
1
2
1
-
5
6
M
W
T
V
2
1A
6
1
4
.
5
-
0%
3
±W
5
6V
m
0
0
1
5
1
-
5
6
M
W
T
V
5
1A
3
3
3
.
4
-
0%
3
±W
5
6V
m
0
0
1
9
1
-
5
6
M
W
T
V
9
1A
1
2
4
.
3
-
0%
3
±W
5
6V
m
0
0
1
4
2
-
5
6
M
W
T
V
4
2A
8
0
7
.
2
-
0%
3
±W
5
6V
m
0
2
1
8
2
-
5
6
M
W
T
V
8
2A
1
2
3
.
2
-
0%
3
±W
5
6V
m
0
5
1
0
3
-
5
6
M
W
T
V
0
3A
7
6
1
.
2
-
0%
3
±W
5
6V
m
0
5
1
6
3
-
5
6
M
W
T
V
6
3A
6
0
8
.
1
-
0%
3
±W
5
6V
m
0
6
1
8
4
-
5
6
M
W
T
V
8
4A
5
5
3
.
1
-
0%
3
±W
5
6V
m
0
6
1
6
5
-
5
6
M
W
T
V
6
5A
1
6
1
.
1
-
0%
3
±W
5
6V
m
0
0
2
MODELS LIST
*The output regulation will go up to ±10% at -20°C to -0°C ambient temperature.


Similar Part No. - TWM65

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWM6001 APITECH-TWM6001 Datasheet
188Kb / 1P
SPST RF SWITCH MODEL
More results

Similar Description - TWM65

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com