Electronic Components Datasheet Search
  English  ▼

X  

TWM65 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TWM65
Description  65W Medical & ITE Grade AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM65 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TWM65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM65 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Dimensions in mm
2. Tolerance: ±0.5mm
3. Weight: 120 grams approx.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TWM65 Series
65W Medical & ITE Grade AC/DC Power Supplies
#TWM65_2014-01-02
CN2: Output Connector
JST B4P-VH-B (3.96mm pitch) or equivalent;
Mating connector: JST VHR-4N or equivalent
#
n
i
P
n
o
i
t
c
n
u
F
2
,
1N
T
R
4
,
3o
V
+
CN1: Input Connector
JST B3P-VH-B (7.92mm pitch) or equivalent;
Mating connector: JST VHR-3N or equivalent
#
n
i
P
n
o
i
t
c
n
u
F
1e
n
i
L
C
A
2l
a
r
t
u
e
N
C
A
MECHANICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com