Electronic Components Datasheet Search
  English  ▼

X  

SP6699 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 3 Page - Exar Corporation

  SP6699 Datasheet HTML 1Page - Exar Corporation SP6699 Datasheet HTML 2Page - Exar Corporation SP6699 Datasheet HTML 3Page - Exar Corporation SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
3/12
Rev. 2.1.0
BLOCK DIAGRAM
Fig. 2: SP6699 Block Diagram
PIN ASSIGNEMENT
Fig. 3: SP6699 Pin Assignement
PIN DESCRIPTION
Name
Pin Number
Description
SW
1
Switch pin. Connect external inductor
GND
2
Ground signal pin
FB
3
Voltage Feedback. Reference voltage is 200mV
CTRL
4
Shutdown and dimming pin.
VCTRL>1.8V: Device enabled
50mV< VCTRL <1.8V:Linear dimming
VCTRL<50mV: Device disabled
VOUT
5
Output pin.
Connected to the cathode of the internal schottky diode.
VIN
6
Input supply pin.
Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com