Electronic Components Datasheet Search
  English  ▼

X  

SP6699 Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation SP6699 Datasheet HTML 10Page - Exar Corporation SP6699 Datasheet HTML 11Page - Exar Corporation SP6699 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
9/12
Rev. 2.1.0
PWM signal when it is applied on the CTRL pin.
The typical frequency of this PWM signal is
200Hz to 1KHz. Please refer to figure 21.
Fig. 21: Dimming Control using a PWM Signal
on CTRL Pin
Secondly, adding a constant DC voltage
through a resistor divider to CTRL pin can
control the dimming. The FB voltage is
indirectly adjusted when the CTRL pin voltage
is between 50mV to 1.8V, which can be used
as dimming control. Please refer to figure 22.
Fig. 22: Dimming COntrol using a DC Voltage
on CTRL Pin
Thirdly, using a filtered PWM signal added to
the CTRL pin can achieve dimming control.
The filtered PWM signal can be considered as
an adjustable DC voltage. It will change the FB
voltage
indirectly
and
achieve
dimming
control. The circuit is shown in Figure 23.
Fig. 23: Dimming Copntrol using a Filtered PWM Signal
on CTRL Pin
Changing the effective feedback voltage
There are three methods to change the
effective feedback voltage.
First, adding a constant DC voltage through a
resistor divider to FB pin can control the
dimming. Changing the DC voltage or resistor
between the FB Pin and the DC voltage can
get appropriate luminous intensity. Comparing
with all kinds of PWM signal control, this
method features a stable output voltage and
LEDs current. Please refer to figure 24.
Fig. 24: Dimming Control using a DC Voltage
Second, using a filtered PWM signal can do it.
The filtered PWM signal can be considered as a
varying and adjustable DC voltage.
Fig. 25: Dimming Control using a Filtered PWM Voltage
Third, using a logic signal to change the
feedback voltage. For example, the FB pin is
connected to the GND through a MOSFET and
a resistor. And this MOSFET is controlled by a
logic signal. The luminous intensity of LEDs
will be changed when the MOSFET turns on or
off.
Fig. 26: Dimming Control using Logic Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com