Electronic Components Datasheet Search
  English  ▼

X  

BC350 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # BC350
Description  BC Personal 350VA Ultra-compact Standby 120V UPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BC350 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  BC350 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
3 x 10.5 x 5
UPS Power Module Dimensions
(hwd, cm)
7.6 x 26.7 x 12.7
UPS Power Module Weight (lbs.)
7.7
UPS Power Module Weight (kg)
3.5
UPS Shipping Dimensions (hwd / in.)
4.5 x 12.5 x 7.8
UPS Shipping Dimensions (hwd /
cm)
11.4 x 31.8 x 19.7
Shipping Weight (lbs.)
10
Shipping Weight (kg)
4.5
UPS Housing Material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
39.1
Battery Mode BTU / Hr. (Full Load)
53.2
AC Mode Efficiency Rating (100%
Load)
94%
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99
High Voltage Transfer to Battery
Power (Setpoint)
139
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com