Electronic Components Datasheet Search
  English  ▼

X  

BC350 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # BC350
Description  BC Personal 350VA Ultra-compact Standby 120V UPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BC350 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BC350 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC Personal 350VA Ultra-compact Standby 120V
UPS
MODEL NUMBER: BC350
Description
Tripp Lite's BC350 standby UPS offers power protection for PCs, workstations and other sensitive electronics in an attractive space saving, ultra-compact
housing. Prevents data loss and system downtime by providing battery-supported AC output during brownouts and blackout conditions. 6 widely spaced output
receptacles accommodate large transformer plugs without blocking outlets. 3 outlets with full battery support and surge suppression protect computers,
monitors and other vital system components from loss of power; 3 additional surge suppression-only outlets are ideal for printers and other accessories not
requiring battery support. Audible alarm and front panel LEDs offer status information regarding line and battery power operation. 350VA/180W power
handling ability supports entry-level PCs for up to 12 min. during power failures. $100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
BC350 standby UPS offers complete protection from blackouts, brownouts and surges
6 widely spaced outlets accommodate large transformer plugs without blocking outlets
3 battery-supported outlets protect computer, monitor and vital system peripherals; 3 additional surge suppression-only outlets protect printers and other
system accessories not requiring battery support
Space saving right-angle input plug
Provides battery-derived AC output during blackouts and brownouts
350VA/180W power handling ability supports a variety of PCs, workstations and other sensitive electronics
Supports entry-level PC systems up to 12 min. during blackout conditions
Optional PDUB15 bypass PDU enable hot-swappable UPS replacement with no disruption to connected equipment
Space-saving, ultra-compact housing fits almost anywhere
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
350
Output Watt Capacity (Watts)
180
Highlights
350VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
3 UPS battery supported outlets,
3 surge-only outlets
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
BC350 UPS System
Instruction manual
1 / 4


Similar Part No. - BC350

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC350 JIANGSU-BC350 Datasheet
242Kb / 3P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
BC350 WINNERJOIN-BC350 Datasheet
125Kb / 1P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
BC350-TO-92 JIANGSU-BC350-TO-92 Datasheet
242Kb / 3P
TRANSISTOR (PNP)
logo
Tripp Lite. All Rights ...
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
More results

Similar Description - BC350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
BC Personal 300VA Tower Standby 120V UPS
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
BC Personal 300VA Tower Standby 120V UPS
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
BC Personal 450VA Tower Standby 120V UPS with USB port
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com