Electronic Components Datasheet Search
  English  ▼

X  

HA12166F Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HA12166F
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12166F Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HA12166F Datasheet HTML 9Page - Hitachi Semiconductor HA12166F Datasheet HTML 10Page - Hitachi Semiconductor HA12166F Datasheet HTML 11Page - Hitachi Semiconductor HA12166F Datasheet HTML 12Page - Hitachi Semiconductor HA12166F Datasheet HTML 13Page - Hitachi Semiconductor HA12166F Datasheet HTML 14Page - Hitachi Semiconductor HA12166F Datasheet HTML 15Page - Hitachi Semiconductor HA12166F Datasheet HTML 16Page - Hitachi Semiconductor HA12166F Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
HA12163 Series
Rev.4, Jun. 1999, page 13 of 66
Pin Description (V
CC = 9 V Single supply, Ta = 25°C, No signal, The value in the table
show typical value) (cont)
Pin No.
Terminal
DC
QFP-48 QFP-56 name
Zin
voltage Equivalent circuit
Description
41
48
F
IN
—V
CC/2
PB - EQ
44
51
input for
Forward
39
46
R
IN
PB - EQ
46
53
input for
Reverse
38
45
NFI
Negative
47
54
feedback
terminal of
PB - EQ amp
25
28
NOI
Negative
feedback
input for
Normal
speed
26
29
FFI
Negative
feedback
input for FF
or REW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com