Electronic Components Datasheet Search
  English  ▼

X  

HA12166F Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HA12166F
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12166F Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HA12166F Datasheet HTML 17Page - Hitachi Semiconductor HA12166F Datasheet HTML 18Page - Hitachi Semiconductor HA12166F Datasheet HTML 19Page - Hitachi Semiconductor HA12166F Datasheet HTML 20Page - Hitachi Semiconductor HA12166F Datasheet HTML 21Page - Hitachi Semiconductor HA12166F Datasheet HTML 22Page - Hitachi Semiconductor HA12166F Datasheet HTML 23Page - Hitachi Semiconductor HA12166F Datasheet HTML 24Page - Hitachi Semiconductor HA12166F Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
HA12163 Series
Rev.4, Jun. 1999, page 21 of 66
9. The Tolerances of External Components for Dolby NR-block
For adequate Dolby NR tracking response, take external components shown below.
R11
18 k
±2%
µ
C10
0.1
±10%
Unit
R:
Ω
C: F
37
µ
C17
0.1
±10%
36
35
34
33
6
789
10
3
HA12163 series (PB 1 CHIP)
PB OUT
(L)
NC
NC
NC
NR
DET (L)
PB OUT
(R)
NC
NC
NC
NR
DET (R)
BIAS
Figure 6 Tolerances of External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com