Electronic Components Datasheet Search
  English  ▼

X  

74AHC30 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC30
Description  8-input NAND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC30 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC30 Datasheet HTML 3Page - NXP Semiconductors 74AHC30 Datasheet HTML 4Page - NXP Semiconductors 74AHC30 Datasheet HTML 5Page - NXP Semiconductors 74AHC30 Datasheet HTML 6Page - NXP Semiconductors 74AHC30 Datasheet HTML 7Page - NXP Semiconductors 74AHC30 Datasheet HTML 8Page - NXP Semiconductors 74AHC30 Datasheet HTML 9Page - NXP Semiconductors 74AHC30 Datasheet HTML 10Page - NXP Semiconductors 74AHC30 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74AHC_AHCT30_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 June 2009
7 of 14
NXP Semiconductors
74AHC30; 74AHCT30
8-input NAND gate
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI = GND to VCC
[3]
-10
-
-
-
-
-
pF
74AHCT30; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
A, B, C, D, E, F, G, H to Y;
see Figure 6 and 7
[2]
CL = 15 pF
-
3.3
6.5
1.0
7.5
1.0
8.0
ns
CL = 50 pF
-
4.7
8.5
1.0
9.5
1.0
10.5
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
mna491
tPHL
tPLH
VM
VM
VI
GND
VOH
VOL
A, B, C, D,
E, F, G, H
input
Y output
Table 8.
Measurement points
Type
Input
Output
VM
VM
74AHC30
0.5
× V
CC
0.5
× V
CC
74AHCT30
1.5 V
0.5
× V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com