Electronic Components Datasheet Search
  English  ▼

X  

74AHC30 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC30
Description  8-input NAND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC30 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC30 Datasheet HTML 4Page - NXP Semiconductors 74AHC30 Datasheet HTML 5Page - NXP Semiconductors 74AHC30 Datasheet HTML 6Page - NXP Semiconductors 74AHC30 Datasheet HTML 7Page - NXP Semiconductors 74AHC30 Datasheet HTML 8Page - NXP Semiconductors 74AHC30 Datasheet HTML 9Page - NXP Semiconductors 74AHC30 Datasheet HTML 10Page - NXP Semiconductors 74AHC30 Datasheet HTML 11Page - NXP Semiconductors 74AHC30 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74AHC_AHCT30_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 June 2009
8 of 14
NXP Semiconductors
74AHC30; 74AHCT30
8-input NAND gate
Test data is given in Table 9.
Definitions for test circuit:
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig 7.
Load circuitry for measuring switching times
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74AHC30
VCC
≤ 3.0 ns
15 pF, 50 pF
tPLH, tPHL
74AHCT30
3.0 V
≤ 3.0 ns
15 pF, 50 pF
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com