Electronic Components Datasheet Search
  English  ▼

X  

HA12232FP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HA12232FP
Description  Audio Signal Pre-Amp. for Car Deck
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12232FP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HA12232FP Datasheet HTML 6Page - Hitachi Semiconductor HA12232FP Datasheet HTML 7Page - Hitachi Semiconductor HA12232FP Datasheet HTML 8Page - Hitachi Semiconductor HA12232FP Datasheet HTML 9Page - Hitachi Semiconductor HA12232FP Datasheet HTML 10Page - Hitachi Semiconductor HA12232FP Datasheet HTML 11Page - Hitachi Semiconductor HA12232FP Datasheet HTML 12Page - Hitachi Semiconductor HA12232FP Datasheet HTML 13Page - Hitachi Semiconductor HA12232FP Datasheet HTML 14Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HA12232FP
Rev.1, Sep. 2000, page 13 of 14
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-14DA
—
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42 ± 0.08
0.70 ± 0.20
0.12
0.15
0˚ – 8˚
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40 ± 0.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com