Electronic Components Datasheet Search
  English  ▼

X  

HA12232FP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA12232FP
Description  Audio Signal Pre-Amp. for Car Deck
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12232FP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA12232FP Datasheet HTML 1Page - Hitachi Semiconductor HA12232FP Datasheet HTML 2Page - Hitachi Semiconductor HA12232FP Datasheet HTML 3Page - Hitachi Semiconductor HA12232FP Datasheet HTML 4Page - Hitachi Semiconductor HA12232FP Datasheet HTML 5Page - Hitachi Semiconductor HA12232FP Datasheet HTML 6Page - Hitachi Semiconductor HA12232FP Datasheet HTML 7Page - Hitachi Semiconductor HA12232FP Datasheet HTML 8Page - Hitachi Semiconductor HA12232FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HA12232FP
Rev.1, Sep. 2000, page 2 of 14
Pin Description, Equivalent Circuit (V
CC = 9 V single supply, Ta = 25°C, No Signal,
The value in the table shows typical value.)
Pin No.
Pin Name
Note
Equivalent Circuit
Description
7RIP
V = V
CC/2
GND
VCC
V
Ripple filter
1VREF
V = V
CC/2
VCC
GND
V1
Reference output
10
EQOUT(L)
V = V
CC/2
VCC
GND
V
Equalizer output
5
EQOUT(R)
2
PBIN(R)
PBIN
NFI
PB equalizer input
13
PBIN(L)
3NFI(R)
V = V
CC/2
Equalizer output
12
NFI(L)
for time constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com