Electronic Components Datasheet Search
  English  ▼

X  

HA16113 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA16113
Description  Dual Watchdog Timers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16113 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA16113 Datasheet HTML 4Page - Hitachi Semiconductor HA16113 Datasheet HTML 5Page - Hitachi Semiconductor HA16113 Datasheet HTML 6Page - Hitachi Semiconductor HA16113 Datasheet HTML 7Page - Hitachi Semiconductor HA16113 Datasheet HTML 8Page - Hitachi Semiconductor HA16113 Datasheet HTML 9Page - Hitachi Semiconductor HA16113 Datasheet HTML 10Page - Hitachi Semiconductor HA16113 Datasheet HTML 11Page - Hitachi Semiconductor HA16113 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HA16113FPJ
8
Electrical Characteristics (Ta = 25°C, Rf = 180 k , Cf1 = Cf2 = 0.01 µF, C
R1 = CR2 = 0.1 µF) (cont)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
NMI output
NMI low voltage
V
OL1
—
—
0.4
V
I
OL1 = 2 mA
section
NMI high voltage
V
OH1
—V
O1
—V
NMI function initial voltage V
STN
—
0.7
1.0
V
STBY output
STBY low voltage
V
OL2
—
—
0.4
V
I
OL2 = 2 mA
section
STBY high voltage
V
OH2
—V
O1
—V
STBY function initial
voltage
V
STS
—
0.7
1.0
V
RES1/2 output
RES1/2 low voltage
V
OL3
—
—
0.4
V
I
OL3, 4 = 2 mA
section
RES1/2 high voltage
V
OH3
—V
O1
—V
RES1/2 function initial
voltage
V
STR
—
0.7
1.0
V
CONT and SW
Low input voltage
V
IL3
—
—
0.8
V
input section
High input voltage
V
IH3
2.0
—
—
V
Low input current
I
IL3
–120
–60
—
µAV
IL3 = 0 V
High input current
I
IH3
—
0.3
0.5
mA
V
IH3 = VOL
LVI section
Temperature coefficient of
NMI trigger voltage
δV
H1/δT
—
100
—
ppm/
°C
Temperature coefficient of
STBY trigger voltage
δV
H2/δT
—
200
—
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com