Electronic Components Datasheet Search
  English  ▼

X  

HA16113 Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HA16113
Description  Dual Watchdog Timers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16113 Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HA16113 Datasheet HTML 9Page - Hitachi Semiconductor HA16113 Datasheet HTML 10Page - Hitachi Semiconductor HA16113 Datasheet HTML 11Page - Hitachi Semiconductor HA16113 Datasheet HTML 12Page - Hitachi Semiconductor HA16113 Datasheet HTML 13Page - Hitachi Semiconductor HA16113 Datasheet HTML 14Page - Hitachi Semiconductor HA16113 Datasheet HTML 15Page - Hitachi Semiconductor HA16113 Datasheet HTML 16Page - Hitachi Semiconductor HA16113 Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HA16113FPJ
13
R
Cf = 0.22
µF
Cf = 0.1
µF
Cf = 0.047
µF
ton characteristic
140
120
100
80
60
40
20
0
60
100
140
180
220
260
toff characteristic
400
300
200
100
0
60
100
140
180
220
260
toff (ms)
ton (ms)
RES1
RES2
Vary the external capacitance (C ) and
resistance (Rf) and measure the variation
in toff . (Same for RES1 and RES2)
R
C = 0.22
µF
C = 0.1
µF
C = 0.047
µF
12 V
CR1, CR2
RES1, RES2
Rf NMI
Measure with
oscilloscope
Vary the external capacitance (C ) and
resistance (Rf) that determine the ton time
and measure the variation in ton.
(Same for RES1 and RES2)
Rf resistance (k )
Ω
Rf resistance (k )
Ω
R
R
R
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com