Electronic Components Datasheet Search
  English  ▼

X  

NDL7401PC Datasheet(PDF) 4 Page - NEC

Part # NDL7401PC
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7401PC Datasheet(HTML) 4 Page - NEC

  NDL7401PC Datasheet HTML 1Page - NEC NDL7401PC Datasheet HTML 2Page - NEC NDL7401PC Datasheet HTML 3Page - NEC NDL7401PC Datasheet HTML 4Page - NEC NDL7401PC Datasheet HTML 5Page - NEC NDL7401PC Datasheet HTML 6Page - NEC NDL7401PC Datasheet HTML 7Page - NEC NDL7401PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7401P Series
TYPICAL CHARACTERISTICS (TC =
−−−−40 to +85 °°°°C)
Forward Current IF (mA)
50
0
1.0
2.0
3.0
4.0
5.0
100
150
TC = –40 ˚C
TC = +25 ˚C
TC = +70 ˚C
TC = +85 ˚C
THRESHOLD CURRENT AND OPERATION
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
–60
1
2
3
5
10
20
30
50
100
–40
–20
0
20
40
60
80
100
Ith
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Case Temperature TC (˚C)
–60 –40
–20
0
20
40
60
80
100
0.1
0
0.2
0.3
TEMPERATURE DEPENDENCE OF CENTER
WAVELENGTH
Case Temperature TC (˚C)
–60
1 260
1 280
1 300
1 320
1 340
1 360
–40
–20
0
20
40
60
80
100
Iop
OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com