Electronic Components Datasheet Search
  English  ▼

X  

NDL7401PC Datasheet(PDF) 1 Page - NEC

Part # NDL7401PC
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7401PC Datasheet(HTML) 1 Page - NEC

  NDL7401PC Datasheet HTML 1Page - NEC NDL7401PC Datasheet HTML 2Page - NEC NDL7401PC Datasheet HTML 3Page - NEC NDL7401PC Datasheet HTML 4Page - NEC NDL7401PC Datasheet HTML 5Page - NEC NDL7401PC Datasheet HTML 6Page - NEC NDL7401PC Datasheet HTML 7Page - NEC NDL7401PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
LASER DIODE
NDL7401P Series
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE
COAXIAL MODULE WITH SINGLE MODE FIBER
1995
©
Document No. P10466EJ3V0DS00 (3rd edition)
Date Published June 1996 P
Printed in Japan
DATA SHEET
The mark
•
•
•
• shows major revised points.
DESCRIPTION
NDL7401P Series is 1 310 nm laser diode coaxial module with single mode fiber.
It has a strained Multiple
Quantum Well (st-MQW) structure and a built-in InGaAs monitor photo diode. It is recommended for junction and
access network systems.
The series is also available in FC-PC and SC-PC connector.
FEATURES
• Center wavelength
λC = 1 310 nm
• High output power from fiber
Pf = 2.0 mW MIN.
• Low threshold current
lth = 10 mA TYP. @TC = 25
°C
• High cut-off frequency
fC = 2.0 GHz
• InGaAs monitor PIN-PD
• Wide operating temperature range
TC =
−40 to +85 °C
• Based on Bellcore TA-NWT-000983
PIN CONNECTIONS
NDL7401P1
NDL7401P2
PACKAGE DIMENSIONS
in millimeters
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ3.2±0.25
φ6±0.1
φ0.45±0.05
φ0.9
4
1
3
2
PD
LD
CASE
φ7±0.2
P.C.D. = 2
φ
Optical Fiber
SM-9/125
Length: 1 m
6±1.0
6±1.0
φ
12.7±0.2
17.0±0.2
4
1
3
2
PD
LD
CASE
φ0.45±0.05
φ3.2±0.25
43
2
1
P.C.D. = 2
φ
43
2
1
φ0.9
P.C.D. = 2
φ
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ
4– 0.45
±0.05
φ16
2– 2.5
φ
12±0.15
3
2
PD
4
1
LD
CASE
φ3.2±0.25
16.0
4
3
2
1
φ0.9
NDL7401P
•
•


Similar Part No. - NDL7401PC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7401PC CEL-NDL7401PC Datasheet
45Kb / 4P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7401PC RENESAS-NDL7401PC Datasheet
197Kb / 10P
LASER DIODE
1995
More results

Similar Description - NDL7401PC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com