Electronic Components Datasheet Search
  English  ▼

X  

CMDMW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMDMW
Description  Chassis Mount DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDMW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMDMW Datasheet HTML 1Page - Wall Industries,Inc. CMDMW Datasheet HTML 2Page - Wall Industries,Inc. CMDMW Datasheet HTML 3Page - Wall Industries,Inc. CMDMW Datasheet HTML 4Page - Wall Industries,Inc. CMDMW Datasheet HTML 5Page - Wall Industries,Inc. CMDMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDMW Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load
Max Load
Reflected
Ripple Current
Efficiency
(Typ)
Max Capacitive
Load
CMDMW24S3.3-3000
3.3 VDC
300 mA
3000mA
528 mA
78%
470 µF
CMDMW24S5-3000
5 VDC
300 mA
3000 mA
762 mA
82%
470 µF
CMDMW24S5.1-3000
5.1 VDC
300 mA
3000 mA
735 mA
81%
470 µF
CMDMW24S12-1250
12 VDC
125 mA
1250 mA
726 mA
85%
470 µF
CMDMW24S15-1000
24 VDC
(9 - 36 VDC)
15 VDC
100 mA
1000 mA
25mA (typ)
771 mA
40mA (typ)
86%
470 µF
CMDMW48S3.3-3000
3.3 VDC
300 mA
3000 mA
26 mA
78%
470 µF
CMDMW48S5-3000
5 VDC
300 mA
3000 mA
381 mA
82%
470 µF
CMDMW48S5.1-3000
5.1 VDC
300 mA
3000 mA
368 mA
81%
470 µF
CMDMW48S12-1250
12 VDC
125 mA
1250 mA
363 mA
85%
470 µF
CMDMW48S15-1000
48 VDC
(18 - 75 VDC)
15 VDC
100 mA
1000 mA
15mA (typ)
386 mA
30mA (typ)
86%
470 µF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. Ripple and noise measured at 20MHz bandwidth.
3. The CMDMW series requires a minimum 10% load on the output to maintain specified regulation. Operation under no-load condition
will not damage these devices, however they may not meet all listed specifications.
4. Other input and output voltages may be available, please contact factory.
5. On/Off control is optional, please contact factory. Control voltage referenced to negative input (-Vin).
6. Heat-sink is optional, consult factory.
7. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
BLOCK DIAGRAM
INPUT VOLTAGE TRANSIENT RATING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com