Electronic Components Datasheet Search
  English  ▼

X  

CMDMW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CMDMW
Description  Chassis Mount DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDMW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CMDMW Datasheet HTML 1Page - Wall Industries,Inc. CMDMW Datasheet HTML 2Page - Wall Industries,Inc. CMDMW Datasheet HTML 3Page - Wall Industries,Inc. CMDMW Datasheet HTML 4Page - Wall Industries,Inc. CMDMW Datasheet HTML 5Page - Wall Industries,Inc. CMDMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDMW Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
DESIGN & FEATURE CONSIDERATONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the
power module on and off, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The
switch can be an open collector or equivalent.
A logic low is -0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current at on/off terminal during a logic low is -1mA. The maximum allowable leakage current of the switch at on/off
terminal (2.5 to 5.5V) is 50uA.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current
limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit
operates normally once the output current is brought back into its specified range
.
Efficiency vs Input Voltage
Efficiency vs Output Load
Derating Curve without Heatsink
Derating Curve with Heatsink



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com