Electronic Components Datasheet Search
  English  ▼

X  

DCPDL06 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wall Industries, Inc.
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS: DCPDL06 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Standard models
-40
+65
°C
Suffix “M” models
-40
+70
°C
Operating Ambient Temperature
Without derating
Suffix “H” models
-40
+65
°C
Storage Temperature
-55
+125
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Ta = 40°C
2,097,000 hours
Standard models
770,500 hours
Suffix “H” models
770,500 hours
MTBF
MIL-HDBK-217F, Ta=25°C, Full load
(G/B controlled environment)
Suffix “M” models
998,700 hours
PHYSICAL SPECIFICATIONS
Standard models
0.17oz (4.8g)
Suffix “M” models
0.21oz (5.9g)
Weight
Suffix “H” models
0.17oz (4.8g)
Standard models
0.86x0.36x0.44 inch (21.8x9.1x11.2 mm)
Suffix “M” models
0.86x0.36x0.44 inch (21.8x9.1x11.2 mm)
Dimensions (L x W x H)
Suffix “H” models
0.86x0.36x0.44 inch (21.8x9.1x11.2 mm)
Standard models
Non-conductive black plastic
Suffix “M” models
Copper
Case Material
Suffix “H” models
Non-conductive black plastic
Base Material
none
Potting Material
Silicon (UL94-V0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 1)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
±8KV
±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 2)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 2)
EN61000-4-5
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
NOTES
1. The DCPDL06 series can only meet EMI Class A or Class B and input reflected ripple current with external components added. Please contact
factory for more information.
2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The following are the filter capacitors recommended: 5VDC input models: Nippon chemi-con KY series, 330μF/50V
Other input models: Nippon chemi-con KY series, 220μF/100V
3. Two case types are available for this series. Plastic case is standard; for the metal case add the suffix “M” to the model number. See the model
number setup on page 7 for ordering details.
4. 1600VDC I/O isolation is standard; for 3000VDC I/O isolation add the suffix “H” to the model number (Ex: DCPDL06-24S12H). 3000VDC I/O
isolation is only available for plastic case models.
CAUTION: This power module is not internally fused. An input line fuse must always be used.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com