Electronic Components Datasheet Search
  English  ▼

X  

DCPDL06 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc.
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
FEATURES
0.86” x 0.44” x 0.36” SIP Package
Input Under Voltage Protection
High Efficiency up to 86%
2:1 Wide Input Voltage Ranges
6 Watts Maximum Output Power
Remote ON/OFF Control
1600VDC I/O Isolation (Optional 3000VDC Isolation)
Continuous Short Circuit Protection
Plastic (Standard) & Metal (Suffix “M”) Case Types Available
CE Mark Meets 2006/95/EC, 93/68/EEC, & 2004/108/EC
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
Compliant to RoHS EU Directive 2011/65/EU
DESCRIPTION
Plastic Case (Standard)
Size: 0.86 x 0.44 x 0.36 inches
Metal Case (Suffix “M”)
Size: 0.86 x 0.44 x 0.36 inches
The DCPDL06 series of DC/DC power converters provides 6 watts of output power in a 0.86 x 0.44 x 0.36 inch SIP
package. This series has single and dual output models with 2:1 wide input voltage ranges of 4.5-9VDC, 9-18VDC,
18-36VDC, and 36-75VDC. Some features include high efficiency up to 86%, 1600VDC (standard) or 3000VDC
(suffix “H”) I/O isolation, remote ON/OFF control, and short circuit and input under voltage protection. Both
plastic (standard) and metal (suffix “M”) case types are available for this series. All models are RoHS compliant and
have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. This series is best suited for use in industry control
systems, wireless networks, telecom/datacom, measurement equipment, and semiconductor equipment.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load (2)
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCPDL06-5S3.3
3.3 VDC
0mA
1300mA
50mVp-p
65mA
4.3W
77%
6600µF
DCPDL06-5S05
5 VDC
0mA
1200mA
50mVp-p
105mA
6W
81%
3300μF
DCPDL06-5S09
9 VDC
0mA
666mA
50mVp-p
105mA
6W
83%
2000μF
DCPDL06-5S12
12 VDC
0mA
500mA
50mVp-p
105mA
6W
84%
1600μF
DCPDL06-5S15
15 VDC
0mA
400mA
50mVp-p
105mA
6W
84%
1400μF
DCPDL06-5S24
5 VDC
(4.5 - 9 VDC)
24 VDC
0mA
250mA
50mVp-p
105mA
6W
84%
680μF
DCPDL06-12S3.3
3.3 VDC
0mA
1300mA
50mVp-p
40mA
4.3W
78%
6600µF
DCPDL06-12S05
5 VDC
0mA
1200mA
50mVp-p
55mA
6W
83%
3300μF
DCPDL06-12S09
9 VDC
0mA
666mA
50mVp-p
55mA
6W
84%
2000μF
DCPDL06-12S12
12 VDC
0mA
500mA
50mVp-p
55mA
6W
85%
1600μF
DCPDL06-12S15
15 VDC
0mA
400mA
50mVp-p
55mA
6W
85%
1400μF
DCPDL06-12S24
12 VDC
(9 - 18 VDC)
24 VDC
0mA
250mA
50mVp-p
55mA
6W
84%
680μF
DCPDL06-24S3.3
3.3 VDC
0mA
1300mA
50mVp-p
20mA
4.3W
78%
6600µF
DCPDL06-24S05
5 VDC
0mA
1200mA
50mVp-p
28mA
6W
83%
3300μF
DCPDL06-24S09
9 VDC
0mA
666mA
50mVp-p
28mA
6W
84%
2000μF
DCPDL06-24S12
12 VDC
0mA
500mA
50mVp-p
28mA
6W
85%
1600μF
DCPDL06-24S15
15 VDC
0mA
400mA
50mVp-p
28mA
6W
86%
1400μF
DCPDL06-24S24
24 VDC
(18 - 36 VDC)
24 VDC
0mA
250mA
50mVp-p
28mA
6W
85%
680μF
DCPDL06-48S3.3
3.3 VDC
0mA
1300mA
50mVp-p
14mA
4.3W
78%
6600µF
DCPDL06-48S05
5 VDC
0mA
1200mA
50mVp-p
14mA
6W
82%
3300μF
DCPDL06-48S09
9 VDC
0mA
666mA
50mVp-p
14mA
6W
84%
2000μF
DCPDL06-48S12
12 VDC
0mA
500mA
50mVp-p
14mA
6W
85%
1600μF
DCPDL06-48S15
15 VDC
0mA
400mA
50mVp-p
14mA
6W
86%
1400μF
DCPDL06-48S24
48 VDC
(36 - 75 VDC)
24 VDC
0mA
250mA
50mVp-p
14mA
6W
84%
680μF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCPDL06-5D05
±5 VDC
0mA
±600mA
50mVp-p
105mA
6W
81%
±2000μF
DCPDL06-5D12
±12 VDC
0mA
±250mA
50mVp-p
105mA
6W
84%
±900F
DCPDL06-5D15
5 VDC
(4.5 - 9 VDC)
±15 VDC
0mA
±200mA
50mVp-p
105mA
6W
84%
±660μF
DCPDL06-12D05
±5 VDC
0mA
±600mA
50mVp-p
55mA
6W
82%
±2000μF
DCPDL06-12D12
±12 VDC
0mA
±250mA
50mVp-p
55mA
6W
83%
±900F
DCPDL06-12D15
12 VDC
(9 - 18 VDC)
±15 VDC
0mA
±200mA
50mVp-p
55mA
6W
84%
±660μF
DCPDL06-24D05
±5 VDC
0mA
±600mA
50mVp-p
28mA
6W
82%
±2000μF
DCPDL06-24D12
±12 VDC
0mA
±250mA
50mVp-p
28mA
6W
84%
±900F
DCPDL06-24D15
24 VDC
(18 - 36 VDC)
±15 VDC
0mA
±200mA
50mVp-p
28mA
6W
84%
±660μF
DCPDL06-48D05
±5 VDC
0mA
±600mA
50mVp-p
14mA
6W
82%
±2000μF
DCPDL06-48D12
±12 VDC
0mA
±250mA
50mVp-p
14mA
6W
84%
±900F
DCPDL06-48D15
48 VDC
(36 - 75 VDC)
±15 VDC
0mA
±200mA
50mVp-p
14mA
6W
85%
±660μF


Similar Part No. - DCPDL06

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D12 WALL-DCPDL06-12D12 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D15 WALL-DCPDL06-12D15 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12S05 WALL-DCPDL06-12S05 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL06

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
6 Watt Medical DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
6 Watt Medical DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com